Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3889 Datasheet (PDF) - List of Unclassifed Manufacturers

TC3889 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC3889
Download  TC3889 Download
File Size   162.02 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 5W Packaged Self-Bias PHEMT GaAs Power FETs

TC3889 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3889 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC3889
Download  TC3889 Click to download

File Size   162.02 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 5W Packaged Self-Bias PHEMT GaAs Power FETs

TC3889 Datasheet (HTML) - List of Unclassifed Manufacturers


TC3889 Product details

DESCRIPTION

The TC3889 is a self-bias flange ceramic packaged device with TC1806N PHEMT GaAs FETs, which is designed to provide the single power supply application. The flange ceramic package provides excellent thermal conductivity for the GaAs FET. The devices only need to provide the positive voltage to drain and ground the source, which is suitable for oscillator, power amplifier application in a wide range of commercial application. All devices are 100% DC tested to assure consistent quality



FEATURES

• 5W Typical Output Power

• 12dB Typical Linear Power Gain at 2.0GHz

• High Linearity: IP3 = 47 dBm Typical

• High Power Added Efficiency: Nominal PAE of 35%

• Breakdown Voltage: BVDGO ≥ 18V

• Wg = 12 mm

• 100 % DC Tested

• Suitable for High Reliability Application




Similar Part No. - TC3889

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
TC38 AURIS-TC38 Datasheet
285Kb / 1P
Quartz THT
logo
France Joint
TC380X420X20 FRANCEJOINT-TC380X420X20 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
TC3827-4.1VUA MICROCHIP-TC3827-4.1VUA Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
TC3827-4.2VUA MICROCHIP-TC3827-4.2VUA Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
More results


Similar Description - TC3889

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
0.5W Packaged Single-Bias PHEMT GaAs Power FETs
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
1W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3977 TRANSCOM-TC3977 Datasheet
28Kb / 1P
3 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3938 TRANSCOM-TC3938 Datasheet
192Kb / 3P
Packaged Single-Bias Medium Power PHEMT GaAs FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com