Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8529 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8529
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8529 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8529 Datasheet HTML 2Page - Analog Devices AD8529 Datasheet HTML 3Page - Analog Devices AD8529 Datasheet HTML 4Page - Analog Devices AD8529 Datasheet HTML 5Page - Analog Devices AD8529 Datasheet HTML 6Page - Analog Devices AD8529 Datasheet HTML 7Page - Analog Devices AD8529 Datasheet HTML 8Page - Analog Devices AD8529 Datasheet HTML 9Page - Analog Devices AD8529 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
–6–
AD8519/AD8529
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8519/AD8529 feature proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Differential Input Voltage
3 . . . . . . . . . . . . . . . . . . . . . . .
±0.6 V
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range . . . . . . . . . . –40
∞C to +125∞C
Junction Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . . 300
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2For supply voltages less than
±6 V, the input voltage is limited to less than or equal
to the supply voltage.
3For differential input voltages greater than
±0.6 V, the input current should be
limited to less than 5 mA to prevent degradation or destruction of the input devices.
Package Type
JA*
JC
Unit
5-Lead SC70 (KS)
376
126
∞C/W
5-Lead SOT-23 (RT)
230
146
∞C/W
8-Lead SOIC (R)
158
43
∞C/W
8-Lead MSOP (RM)
210
45
∞C/W
*
qJA is specified for worst-case conditions, i.e., qJA is specified for device soldered
in circuit board for SOT-23 and SOIC packages.
ORDERING GUIDE
Temperature
Package
Package
Branding
Model
Range
Description
Option
Information
AD8519AKS
*
–40
∞C to +125∞C
5-Lead SC70
KS-5
A3B
AD8519ART
*
–40
∞C to +125∞C
5-Lead SOT-23
RT-5
A3A
AD8519AR
–40
∞C to +125∞C
8-Lead SOIC
R-8
AD8529AR
–40
∞C to +125∞C
8-Lead SOIC
R-8
AD8529ARM
*
–40
∞C to +125∞C
8-Lead MSOP
RM-8
A5A
*Available in reels only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com