Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8529 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8529
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8529 Datasheet(HTML) 1 Page - Analog Devices

  AD8529 Datasheet HTML 1Page - Analog Devices AD8529 Datasheet HTML 2Page - Analog Devices AD8529 Datasheet HTML 3Page - Analog Devices AD8529 Datasheet HTML 4Page - Analog Devices AD8529 Datasheet HTML 5Page - Analog Devices AD8529 Datasheet HTML 6Page - Analog Devices AD8529 Datasheet HTML 7Page - Analog Devices AD8529 Datasheet HTML 8Page - Analog Devices AD8529 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
AD8519/AD8529
8 MHz Rail-to-Rail
Operational Amplifiers
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
PIN CONFIGURATIONS
8-Lead SOIC
(R Suffix)
1
2
3
4
8
7
6
5
AD8519
IN A
V
+IN A
V+
OUT A
NC
NC
NC
NC = NO CONNECT
5-Lead SC70 and SOT-23
(KS and RT Suffixes)
1
2
3
5
4
IN A
+IN A
V+
OUT A
AD8519
V
8-Lead SOIC and MSOP
(R and RM Suffixes)
1
2
3
4
AD8529
8
7
6
5
OUT A
–IN A
+IN A
V–
+IN B
–IN B
OUT B
V+
FEATURES
Space-Saving SC70 and SOT-23 Packaging
Wide Bandwidth: 8 MHz @ 5 V
Low Offset Voltage: 1.2 mV Max
Rail-to-Rail Output Swing
2.7 V/ms Slew Rate
Unity Gain Stable
Single-Supply Operation: 2.7 V to 12 V
APPLICATIONS
Portable Communications
Microphone Amplifiers
Portable Phones
Sensor Interface
Active Filters
PCMCIA Cards
ASIC Input Drivers
Wearable Computers
Battery-Powered Devices
Voltage Reference Buffers
Personal Digital Assistants
GENERAL DESCRIPTION
The AD8519 and AD8529 are rail-to-rail output bipolar ampli-
fiers with a unity gain bandwidth of 8 MHz and a typical voltage
offset of less than 1 mV. The AD8519 brings precision and
bandwidth to the SC70 and SOT-23 packages. The low supply
current makes the AD8519/AD8529 ideal for battery-powered
applications. The rail-to-rail output swing of the AD8519/AD8529
is larger than standard video op amps, making them useful in
applications that require greater dynamic range than standard
video op amps. The 2.7 V/
ms slew rate makes the AD8519/AD8529
a good match for driving ASIC inputs such as voice codecs.
The small SC70 package makes it possible to place the AD8519
next to sensors, reducing external noise pickup.
The AD8519/AD8529 is specified over the extended industrial
(–40
∞C to +125∞C) temperature range. The AD8519 is available
in 5-lead SC70 and SOT-23 packages and an 8-lead SOIC
surface-mount package. The AD8529 is available in 8-lead SOIC
and MSOP packages.


Similar Part No. - AD8529

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8529 AD-AD8529 Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
AD8529AR AD-AD8529AR Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
AD8529AR-REEL AD-AD8529AR-REEL Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
AD8529ARM-REEL AD-AD8529ARM-REEL Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
AD8529ARMZ-REEL AD-AD8529ARMZ-REEL Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
More results

Similar Description - AD8529

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP162 AD-OP162 Datasheet
1Mb / 16P
15 MHz Rail-to-Rail Operational Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD8519 AD-AD8519_07 Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
OP162 AD-OP162_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262 AD-OP262_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462 AD-OP462_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
logo
Texas Instruments
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com