Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8534 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8534
Description  Low Cost, 250 mA Output Single-Supply Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8534 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8534 Datasheet HTML 7Page - Analog Devices AD8534 Datasheet HTML 8Page - Analog Devices AD8534 Datasheet HTML 9Page - Analog Devices AD8534 Datasheet HTML 10Page - Analog Devices AD8534 Datasheet HTML 11Page - Analog Devices AD8534 Datasheet HTML 12Page - Analog Devices AD8534 Datasheet HTML 13Page - Analog Devices AD8534 Datasheet HTML 14Page - Analog Devices AD8534 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8531/AD8532/AD8534
REV. D
–11–
A High Output Current, Buffered Reference/Regulator
Many applications require stable voltage outputs relatively close
in potential to an unregulated input source. This “low drop-
out” type of reference/regulator is readily implemented with a
rail-to-rail output op amp, and is particularly useful when using
a higher current device such as the AD8531/AD8532/AD8534.
A typical example is the 3.3 V or 4.5 V reference voltage devel-
oped from a 5 V system source. Generating these voltages
requires a three terminal reference, such as the REF196 (3.3 V)
or the REF194 (4.5 V), both which feature low power, with
sourcing outputs of 30 mA or less. Figure 38 shows how such a
reference can be outfitted with an AD8531/AD8532/AD8534
buffer for higher currents and/or voltage levels, plus sink and
source load capability.
C2
0.1 F
R2
10k
1%
VOUT1 =
3.3V @ 100mA
R5
0.2
C5
100 F/16V
TANTALUM
R1
10k
1%
C1
0.1 F
VS
5V
VOUT2 =
3.3V
C4
1 F
6
2
3
4
VOUT
COMMON
C3
0.1 F
VC
ON/OFF
CONTROL
INPUT CMOS HI
(OR OPEN) = ON
LO = OFF
VS
COMMON
R3
(SeeText)
R4
3.3k
U2
AD8531
U1
REF196
Figure 38. A High Output Current Reference/Regulator
The low dropout performance of this circuit is provided by
stage U2, an AD8531 connected as a follower/buffer for the basic
reference voltage produced by U1. The low voltage saturation
characteristic of the AD8531/AD8532/AD8534 allows up to
100 mA of load current in the illustrated use, as a 5 V to 3.3 V
converter with good dc accuracy. In fact, the dc output voltage
change for a 100 mA load current delta measured less than
1 mV. This corresponds to an equivalent output impedance of
< 0.01
W. In this application, the stable 3.3 V from U1 is applied
to U2 through a noise filter, R1–C1. U2 replicates the U1
voltage within a few millivolts, but at a higher current output at
VOUT1, with the ability to both sink and source output current(s)
—unlike most IC references. R2 and C2 in the feedback path of
U2 provide additional noise filtering.
Transient performance of the reference/regulator for a 100 mA
step change in load current is also quite good and is largely
determined by the R5–C5 output network. With values as
shown, the transient is about 20 mV peak and settles to within
2 mV in less than 10
ms for either polarity. Although room exists
for optimizing the transient response, any changes to the R5–C5
network should be verified by experiment to preclude the possi-
bility of excessive ringing with some capacitor types.
To scale VOUT2 to another (higher) output level, the optional
resistor R3 (shown dotted) is added, causing, the new VOUT1 to
become:
VOUT1
=VOUT 2 ¥ 1+
R2
R3
Ê
ËÁ
ˆ
¯˜
The circuit can either be used as shown, as a 5 V to 3.3 V
reference/regulator, or with ON/OFF control. By driving Pin 3
of U1 with a logic control signal as noted, the output is switched
ON/OFF. Note that when ON/OFF control is used, resistor R4
must be used with U1 to speed ON-OFF switching.
A Single-Supply, Balanced Line Driver
The circuit in Figure 39 is a unique line driver circuit topology
used in professional audio applications and has been modified
for automotive and multimedia audio applications. On a single
5 V supply, the line driver exhibits less than 0.7% distortion into
a 600
W load from 20 Hz to 15 kHz (not shown) with an input
signal level of 4 V p-p. In fact, the output drive capability of the
AD8531/AD8532/AD8534 maintains this level for loads as
small as 32
W. For input signals less than 1 V p-p, the THD is
less than 0.1%, regardless of load. The design is a transformer-
less, balanced transmission system where output common-mode
rejection of noise is of paramount importance. As with the
transformer-based system, either output can be shorted to
ground for unbalanced line driver applications without changing
the circuit gain of 1. Other circuit gains can be set according to
the equation in the diagram. This allows the design to be easily
configured for inverting, noninverting or differential operation.
RL
600
C1
22 F
A2
7
6
5
3
1
2
A1
5V
R1
10k
R2
10k
R11
10k
R7
10k
6
7
5
A1
12V
5V
R8
100k
R9
100k
C2
1 F
R12
10k
R14
50
A2
1
2
3
R3
10k
R6
10k
R13
10k
C3
47 F
VO1
VO2
C4
47 F
A1, A2 = 1/2 AD8532
GAIN =
R3
R2
SET: R7, R10, R11 = R2
SET: R6, R12, R13 = R3
VIN
R10
10k
R5
50
Figure 39. A Single-Supply, Balanced Line Driver for
Multimedia and Automotive Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com