Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8552 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8552
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8552 Datasheet HTML 9Page - Analog Devices AD8552 Datasheet HTML 10Page - Analog Devices AD8552 Datasheet HTML 11Page - Analog Devices AD8552 Datasheet HTML 12Page - Analog Devices AD8552 Datasheet HTML 13Page - Analog Devices AD8552 Datasheet HTML 14Page - Analog Devices AD8552 Datasheet HTML 15Page - Analog Devices AD8552 Datasheet HTML 16Page - Analog Devices AD8552 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8551/AD8552/AD8554
–13–
REV. 0
FREQUENCY – kHz
0
140
0
10
1
2345
6
789
20
40
60
80
100
120
VSY = +5V
AV = 0dB
Figure 50. Spectral Analysis of AD855x Output in Unity
Gain Configuration
FREQUENCY – kHz
0
140
0
10
1
2345
6
789
20
40
60
80
100
120
VSY = +5V
AV = +60dB
Figure 51. Spectral Analysis of AD855x Output with
+60 dB Gain
When an input signal is applied, the output will contain some
degree of Intermodulation Distortion (IMD). This is another
characteristic feature of all autocorrection amplifiers. IMD will
show up as sum and difference frequencies between the input sig-
nal and the 4 kHz clock frequency (and its harmonics) and is at a
level similar to or less than the clock feedthrough at the output.
The IMD is also proportional to the closed loop gain of the ampli-
fier. Figure 52 shows the spectral output of an AD8552 configured
as a high gain stage (+60 dB) with a 1 mV input signal applied.
The relative levels of all IMD products and harmonic distortion
add up to produce an output error of –60 dB relative to the input
signal. At unity gain, these would add up to only –120 dB relative
to the input signal.
FREQUENCY – kHz
0
0
10
1
2345
6
789
20
40
60
80
100
120
OUTPUT SIGNAL
1Vrms @ 200Hz
IMD < 100 Vrms
VSY = +5V
AV = +60dB
Figure 52. Spectral Analysis of AD855x in High Gain with
a 1 mV Input Signal
For most low frequency applications, the small amount of auto-
zero clock frequency feedthrough will not affect the precision of the
measurement system. Should it be desired, the clock frequency
feedthrough can be reduced through the use of a feedback capaci-
tor around the amplifier. However, this will reduce the bandwidth
of the amplifier. Figures 53a and 53b show a configuration for
reducing the clock feedthrough and the corresponding spectral
analysis at the output. The –3 dB bandwidth of this configuration
is 480 Hz.
VIN = 1mV rms
@ 200Hz
100
100k
3.3nF
Figure 53a. Reducing Autocorrection Clock Noise with a
Feedback Capacitor
FREQUENCY – kHz
0
0
10
1
2345
6
789
20
40
60
80
100
120
VSY = +5V
AV = +60dB
Figure 53b. Spectral Analysis Using a Feedback Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com