Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8552 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8552
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8552 Datasheet(HTML) 4 Page - Analog Devices

  AD8552 Datasheet HTML 1Page - Analog Devices AD8552 Datasheet HTML 2Page - Analog Devices AD8552 Datasheet HTML 3Page - Analog Devices AD8552 Datasheet HTML 4Page - Analog Devices AD8552 Datasheet HTML 5Page - Analog Devices AD8552 Datasheet HTML 6Page - Analog Devices AD8552 Datasheet HTML 7Page - Analog Devices AD8552 Datasheet HTML 8Page - Analog Devices AD8552 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8551/AD8552/AD8554
–4–
REV. 0
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
Brand1
AD8551ARM2
–40
°C to +125°C
8-Lead MSOP
RM-8
AHA
AD8551AR
–40
°C to +125°C
8-Lead SOIC
SO-8
AD8552ARU3
–40
°C to +125°C
8-Lead TSSOP
RU-8
AD8552AR
–40
°C to +125°C
8-Lead SOIC
SO-8
AD8554ARU3
–40
°C to +125°C
14-Lead TSSOP
RU-14
AD8554AR
–40
°C to +125°C
14-Lead SOIC
SO-14
NOTES
1Due to package size limitations, these characters represent the part number.
2Available in reels only. 1,000 or 2,500 pieces per reel.
3Available in reels only. 2,500 pieces per reel.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . GND to VS + 0.3 V
Differential Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . .
±5.0 V
ESD(Human Body Model) . . . . . . . . . . . . . . . . . . . . . 2,000 V
Output Short-Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range
RM, RU and R Packages . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD8551A/AD8552A/AD8554A . . . . . . . . –40
°C to +125°C
Junction Temperature Range
RM, RU and R Packages . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Differential input voltage is limited to
±5.0 V or the supply voltage, whichever is less.
Package Type
JA
1
JC
Units
8-Lead MSOP (RM)
190
44
°C/W
8-Lead TSSOP (RU)
240
43
°C/W
8-Lead SOIC (R)
158
43
°C/W
14-Lead TSSOP (RU)
180
36
°C/W
14-Lead SOIC (R)
120
36
°C/W
NOTE
1
θ
JA is specified for worst case conditions, i.e., θJA is specified for device in socket
for P-DIP packages,
θ
JA is specified for device soldered in circuit board for
SOIC and TSSOP packages.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8551/AD8552/AD8554 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com