Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8564
Description  Quad 7 ns Single Supply Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564 Datasheet(HTML) 2 Page - Analog Devices

  AD8564 Datasheet HTML 1Page - Analog Devices AD8564 Datasheet HTML 2Page - Analog Devices AD8564 Datasheet HTML 3Page - Analog Devices AD8564 Datasheet HTML 4Page - Analog Devices AD8564 Datasheet HTML 5Page - Analog Devices AD8564 Datasheet HTML 6Page - Analog Devices AD8564 Datasheet HTML 7Page - Analog Devices AD8564 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. A
AD8564–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
2.3
7
mV
–40
°C ≤ T
A
≤ +85°C8
mV
Offset Voltage Drift
∆VOS/∆T4
µV/°C
Input Bias Current
IB
VCM = 0 V
±4
µA
IB
–40
°C ≤ T
A
≤ +85°C
±9
µA
Input Offset Current
IOS
VCM = 0 V
±3
µA
Input Common-Mode Voltage Range
VCM
0
+2.75
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ V
CM
≤ +3.0 V
65
85
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω
3000
V/V
Input Capacitance
CIN
3.0
pF
DIGITAL OUTPUTS
Logic “1” Voltage
VOH
IOH = –3.2 mA,
∆VIN > 250 mV
2.4
3.5
V
Logic “0” Voltage
VOL
IOL = 3.2 mA,
∆V
IN > 250 mV
0.3
0.4
V
DYNAMIC PERFORMANCE
Propagation Delay
tP
200 mV Step with 100 mV Overdrive
6.75
9.8
ns
–40
°C ≤ TA ≤ +85°C1
13
ns
Propagation Delay
tP
100 mV Step with 5 mV Overdrive1
8ns
Differential Propagation Delay
(Rising Propagation Delay vs.
Falling Propagation Delay)
∆t
P
100 mV Step with 20 mV Overdrive1
0.5
2.0
ns
Rise Time
20% to 80%
3.8
ns
Fall Time
20% to 80%
1.5
ns
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
+4.5 V
≤ V+ANA and V+DIG ≤ +5.5 V
80
dB
Analog Supply Current
I+ANA
10.5
14.0
mA
–40
°C ≤ TA ≤ +85°C15.6
mA
Digital Supply Current
IDIG
VO = 0 V, RL =
∞
6.0
7.0
mA
–40
°C ≤ T
A
≤ +85°C
8.0
mA
Analog Supply Current
I–ANA
–7.0
14.0
mA
–40
°C ≤ TA ≤ +85°C15.6
mA
NOTES
1 Guaranteed by design.
Specifications subject to change without notice.
(@ V+ANA = V+DIG = +5.0 V, V–ANA = 0 V, TA = +25 C unless otherwise noted)
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
2.3
7
mV
–40
°C ≤ TA ≤ +85°C8
mV
Offset Voltage Drift
∆V
OS/
∆T4
µV/°C
Input Bias Current
IB
VCM = 0 V
±4
µA
IB
–40
°C ≤ TA ≤ +85°C
±9
µA
Input Offset Current
IOS
VCM = 0 V
±3
µA
Input Common-Mode Voltage Range
VCM
–4.9
+3.5
V
Common-Mode Rejection Ratio
CMRR
0 V
≤ VCM ≤ +3.0 V
65
85
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω
3000
V/V
Input Capacitance
CIN
3.0
pF
DIGITAL OUTPUTS
Logic “1” Voltage
VOH
IOH = –3.2 mA,
∆VIN > 250 mV
2.6
3.6
V
Logic “0” Voltage
VOL
IOL = 3.2 mA,
∆V
IN > 250 mV
0.2
0.3
V
(@ V+ANA = V+DIG = +5.0 V, V–ANA = –5 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com