Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8564
Description  Quad 7 ns Single Supply Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564 Datasheet(HTML) 4 Page - Analog Devices

  AD8564 Datasheet HTML 1Page - Analog Devices AD8564 Datasheet HTML 2Page - Analog Devices AD8564 Datasheet HTML 3Page - Analog Devices AD8564 Datasheet HTML 4Page - Analog Devices AD8564 Datasheet HTML 5Page - Analog Devices AD8564 Datasheet HTML 6Page - Analog Devices AD8564 Datasheet HTML 7Page - Analog Devices AD8564 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD8564
–4–
REV. A
–Typical Performance Characteristics
TEMPERATURE – C
1.000
0.800
0.000
–75 –50
150
–25
0
25
75
100 125
50
0.600
0.400
0.200
Figure 1. Input Offset Voltage vs.
Temperature
INPUT OFFSET VOLTAGE – mV
500
400
0
–55
–4 –3 –2 –10
1
2
3
4
300
200
100
Figure 4. Input Offset Voltage
SINK CURRENT – mA
0.500
0.400
0.00
03
15
69
12
0.300
0.200
0.100
TA = –40 C
TA = +25 C
TA = +85 C
Figure 7. Output Low Voltage, VOL
vs. Sink Current
TEMPERATURE – C
0.000
–1.000
–5.000
–75 –50
150
–25
0
25
75
100 125
50
–2.000
–3.000
–4.000
Figure 2. Input Bias Current vs.
Temperature
TEMPERATURE – C
10
8
0
–50
–25
0
25
75
100
125
50
6
4
2
tPDHL
tPDLH
STEPSIZE = 100mV
OVERDRIVE = 5mV
Figure 5. Propagation Delay, tPDHL/
tPDLH vs. Temperature
V+ANA SUPPLY VOLTAGE – V
5.000
4.000
0.000
24
12
68
10
3.000
2.000
1.000
TA = +85 C
TA = +25 C
TA = –40 C
Figure 8. I+ANA: Analog Supply Cur-
rent/Comparator vs. Supply Voltage
INPUT COMMON-MODE VOLTAGE – V
0
–1
–5
–7.5
–55
–2.5
0
2.5
–2
–3
–4
V+ANA = V+DIG = +5V
V–ANA = –5V
Figure 3. Input Bias Current vs. Input
Common-Mode Voltage
SOURCE CURRENT – mA
5.000
4.400
2.000
03
15
69
12
3.800
3.200
2.600
TA = +25 C
TA = –40 C
TA = +85 C
Figure 6. Output High Voltage, VOH
vs. Source Current
V–ANA SUPPLY VOLTAGE – V
0.000
–1.000
–5.000
24
12
68
10
–2.000
–3.000
–4.000
TA = +85 C
TA = +25 C
TA = –40 C
Figure 9. I–ANA: Analog Supply Cur-
rent/Comparator vs. Supply Voltage
(V+ ANA = V+DIG = +5 V, V– ANA = 0 V, TA = +25 C unless
otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com