Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM47DM0888SBA Datasheet(PDF) 13 Page - Eorex Corporation

Part # EM47DM0888SBA
Description  JEDEC Standard VDD/VDDQ
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47DM0888SBA Datasheet(HTML) 13 Page - Eorex Corporation

Back Button EM47DM0888SBA Datasheet HTML 9Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 10Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 11Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 12Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 13Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 14Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 15Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 16Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 17Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
EM47DM0888SBA
May. 2011
13/39
www.eorex.com
Recommended DC Operating Conditions
(VDD,VDDQ=1.5V±0.075V)
-125
-150
Symbol
Parameter & Test Conditions
Max
Units
IDD1
Operating One Bank Active-Read-Precharge Current:
CKE: High; External clock: On; tCK, nRC, nRAS, nRCD, CL: see
timing used table; BL: 81; AL: 0; /CS: High between ACT, RD and
PRE; Command, Address, Data IO: partially toggling; DM:stable at 0;
Bank Activity: Cycling with one bank active at a time; Output Buffer
and RTT: Enabled in Mode Registers; ODT Signal: stable at 0
65
60
mA
IDD2P1
Precharge Power-Down Current Fast Exit:
CKE: Low; External clock: On; tCK, CL: see timing used table; BL: 8;
AL: 0; /CS: stable at 1; Command, Address: stable at 0; Data IO:
FLOATING; DM: stable at 0; Bank Activity: all banks closed; Output
Buffer and RTT: Enabled in Mode Registers; ODT Signal: stable at 0;
Pre-charge Power Down Mode: Fast Exit
20
20
mA
IDD2N
Precharge Standby Current:
CKE: High; External clock: On; tCK, CL: see timing used table; BL: 8;
AL: 0; /CS: stable at 1; Command, Address: partially toggling; Data
IO: FLOATING; DM:stable at 0; Bank Activity: all banks closed;
Output Buffer and RTT: Enabled in Mode Registers; ODT Signal:
stable at 0
30
30
mA
IDD3P
Active Power-Down Current:
CKE: Low; External clock: On; tCK, CL: see timing used table; BL: 8;
AL: 0; /CS: stable at 1; Command, Address: stable at 0; Data IO:
FLOATING; DM: stable at 0; Bank Activity: all banks open; Output
Buffer and RTT: Enabled in Mode Registers; ODT Signal: stable at 0
25
25
mA
IDD4W
Operating Burst Write Current:
CKE: High; External clock: On; tCK, CL: see timing used table; BL: 8;
AL: 0; /CS: High between WR; Command, Address: partially toggling;
Data IO: seamless write data burst with different data between one
burst and the next one; DM: stable at 0; Bank Activity: all banks open,
WR commands cycling through banks: 0,0,1,1,2,2,...; Output Buffer
and RTT: Enabled in Mode Registers; ODT Signal: stable at HIGH
115
100
mA
IDD4R
Operating Burst Read Current:
CKE: High; External clock: On; tCK, CL: see timing used table; BL: 8;
AL: 0; /CS: High between RD; Command, Address: par-tially toggling;
Data IO: seamless read data burst with different data between one
burst and the next one; DM: stable at 0; Bank Activity: all banks open,
RD commands cycling through banks: 0,0,1,1,2,2,...; Output Buffer
and RTT: Enabled in Mode Registers; ODT Signal: stable at 0
105
90
mA
IDD5B
Burst Refresh Current:
CKE: High; External clock: On; tCK, CL, nRFC: see timing used
table; BL: 8; AL: 0; /CS: High between REF; Command, Address:
partially toggling; Data IO: FLOATING; DM: stable at 0; Bank Activity:
REF command every nRFC; Output Buffer and RTT: Enabled in
Mode Registers; ODT Signal: stable at 0
140
135
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com