Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM47DM0888SBA Datasheet(PDF) 32 Page - Eorex Corporation

Part # EM47DM0888SBA
Description  JEDEC Standard VDD/VDDQ
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47DM0888SBA Datasheet(HTML) 32 Page - Eorex Corporation

Back Button EM47DM0888SBA Datasheet HTML 28Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 29Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 30Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 31Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 32Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 33Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 34Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 35Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 36Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
EM47DM0888SBA
May. 2011
32/39
www.eorex.com
Burst Type (A3)
Burst Length
R/W
A2
A1
A0
Sequential Addressing, A3=0
Interleave Addressing, A3=1
R
0
0
0
0 1 2 3 T T T T
0 1 2 3 T T T T
R
0
0
1
1 2 3 0 T T T T
1 0 3 2 T T T T
R
0
1
0
2 3 0 1 T T T T
2 3 0 1 T T T T
R
0
1
1
3 0 1 2 T T T T
3 2 1 0 T T T T
R
1
0
0
4 5 6 7 T T T T
4 5 6 7 T T T T
R
1
0
1
5 6 7 4 T T T T
5 4 7 6 T T T T
R
1
1
0
6 7 4 5 T T T T
6 7 4 5 T T T T
R
1
1
1
7 4 5 6 T T T T
7 6 5 4 T T T T
W
0
V
V
0 1 2 3 X X X X
0 1 2 3 X X X X
4 (chop)
W
1
V
V
4 5 6 7 X X X X
4 5 6 7 X X X X
R
0
0
0
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7
R
0
0
1
1 2 3 0 5 6 7 4
1 0 3 2 5 4 7 6
R
0
1
0
2 3 0 1 6 7 4 5
2 3 0 1 6 7 4 5
R
0
1
1
3 0 1 2 7 4 5 6
3 2 1 0 7 6 5 4
R
1
0
0
4 5 6 7 0 1 2 3
4 5 6 7 0 1 2 3
R
1
0
1
5 6 7 4 1 2 3 0
5 4 7 6 1 0 3 2
R
1
1
0
6 7 4 5 2 3 0 1
6 7 4 5 2 3 0 1
R
1
1
1
7 4 5 6 3 0 1 2
7 6 5 4 3 2 1 0
8
W
V
V
V
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7
Note1.
In case of burst length being fixed to 4 by MR0 setting, the internal write operation starts two clock
cycles earlier than for the BL8 mode. This means that the starting point for tWR and tWTR will be pulled
in by two clocks. In case of burst length being selected on-the-fly via A12 (/BC), the internal write
operation starts at the same point in time like a burst of 8 write operation. This means that during
on-the-fly control, the starting point for tWR and tWTR will not be pulled in by two clocks.
Note2.
0...7 bit number is value of CA[2:0] that causes this bit to be the first read during a burst.
Note3.
T: Output driver for data and strobes are in high impedance.
Note4.
V: a valid logic level (0 or 1), but respective buffer input ignores level on input pins.
Note5.
X: Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com