Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564AN Datasheet(PDF) 6 Page - Analog Devices

Part # AD8564AN
Description  Quad 7 ns Single Supply Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564AN Datasheet(HTML) 6 Page - Analog Devices

  AD8564AN Datasheet HTML 1Page - Analog Devices AD8564AN Datasheet HTML 2Page - Analog Devices AD8564AN Datasheet HTML 3Page - Analog Devices AD8564AN Datasheet HTML 4Page - Analog Devices AD8564AN Datasheet HTML 5Page - Analog Devices AD8564AN Datasheet HTML 6Page - Analog Devices AD8564AN Datasheet HTML 7Page - Analog Devices AD8564AN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD8564
–6–
REV. A
INPUT STAGE AND BIAS CURRENTS
The AD8564 uses a PNP differential input stage which enables
the input common-mode range to extend all the way from the
negative supply rail to within 2.2 V of the positive supply rail.
The input common-mode voltage can be found as the average of
the voltage at the two inputs of the device. To ensure the fastest
response time, care should be taken to not allow the input
common-mode voltage to exceed this voltage.
The input bias current for the AD8564 is 4
µA. As with any
PNP differential input stage, this bias current will go to zero on
an input that is high and will double on an input that is low.
Care should be taken in choosing resistor values to be connected
to the inputs as large resistors could cause significant voltage
drops due to the input bias current.
The input capacitance for the AD8564 is typically 3 pF. This is
measured by inserting a k
Ω source resistance to the input and
measuring the change in propagation delay.
USING HYSTERESIS
Hysteresis can easily be added to a comparator through the
addition of positive feedback. Adding hysteresis to a comparator
offers an advantage in noisy environments where it is not desir-
able for the output to toggle between states when the input
signal is near the switching threshold. Figure 14 shows a method
for configuring the AD8564 with hysteresis.
COMPARATOR
SIGNAL
R1
R2
VREF
CF
Figure 14. Configuring the AD8564 with Hysteresis
The input signal is connected directly to the inverting input of
the comparator. The output is fed back to the noninverting
input through R2 and R1. The ratio of R1 to R1 + R2 estab-
lishes the width of the hysteresis window with VREF setting the
center of the window, or the average switching voltage. The
output will switch high when the input voltage is greater than
VHI and will not switch low again until the input voltage is less
than VLO as given in Equation 1:
V HI
= V+ –1–VREF
() R1
R1
+ R2
+V
REF
V LO
=V
REF 1–
R1
R1
+ R2


(1)
Where
V+ is the positive supply voltage.
The capacitor CF can also be added to introduce a pole into the
feedback network. This has the effect of increasing the amount
of hysteresis at high frequencies. This can be useful when com-
paring a relatively slow signal in a high frequency noise environ-
ment. At frequencies greater than
fP =
1
2
π C
F R2
, the hysteresis
window approaches VHI = V+ – 1 V and VLO = 0 V. At frequen-
cies less than
fP the threshold voltages remain as in Equation 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com