Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564AN Datasheet(PDF) 7 Page - Analog Devices

Part # AD8564AN
Description  Quad 7 ns Single Supply Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564AN Datasheet(HTML) 7 Page - Analog Devices

  AD8564AN Datasheet HTML 1Page - Analog Devices AD8564AN Datasheet HTML 2Page - Analog Devices AD8564AN Datasheet HTML 3Page - Analog Devices AD8564AN Datasheet HTML 4Page - Analog Devices AD8564AN Datasheet HTML 5Page - Analog Devices AD8564AN Datasheet HTML 6Page - Analog Devices AD8564AN Datasheet HTML 7Page - Analog Devices AD8564AN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD8564
–7–
REV. A
Spice Model
* AD8564 SPICE Macro-Model Typical Values
* 8/98, Ver. 1.0
* TAM / ADSC
*
* Node assignments
*
noninverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
||||
Output
*
|||||
*
|||||
*
|||||
*
|||||
.SUBCKT AD8564
1
2
99
50
45
*
* INPUT STAGE
*
*
Q1
435PIX
Q2
625PIX
IBIAS
99
5
800E-6
RC1
4
50
1k
RC2
6
50
1k
CL1
4
6
2.5E-12
CIN
1
2
3E-12
EOS
3
1
(4,6) 1E-3
*
* Reference Voltage
*
EREF
98
0
POLY(2) (99,0)
(50,0)
0 0.5 0.5
RDUM
98
0
100E3
GSY
99
50
POLY(1) (99,50)
8E-3 –2.6E-3
*
* Gain Stage Av=250 fp=100MHz
*
G1
98
20
(4.6)
0.25
R1
20
98
1E3
C1
20
98
16E-13
D1
20
21
DX
D2
22
20
DX
V1
99
21
DC 0.71
V2
22
50
DC 0.71
*
* Output Stage
*
Q3
99
41
46
NOX
Q4
47
42
50
NOX
RB1
43
41
200
RB2
40
42
200
CB1
99
41
10p
CB2
42
50
5p
RO1
46
45
2E3
RO2
47
45
500
EO1
98
43
POLY(1) (20,98) 0 1
EO2
40
98
POLY(1) (20,98) 0 1
*
* MODELS
*
.MODEL PIX PNP(BF=100,VAF=130,IS=1E-14)
.MODEL NOX NPN(BF=100,VAF=130,IS=1E-14)
.MODEL DX D(IS=1E-14,CJO=1E-15)
.ENDS AD8564



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com