Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8591 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8591
Description  CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8591 Datasheet(HTML) 2 Page - Analog Devices

  AD8591 Datasheet HTML 1Page - Analog Devices AD8591 Datasheet HTML 2Page - Analog Devices AD8591 Datasheet HTML 3Page - Analog Devices AD8591 Datasheet HTML 4Page - Analog Devices AD8591 Datasheet HTML 5Page - Analog Devices AD8591 Datasheet HTML 6Page - Analog Devices AD8591 Datasheet HTML 7Page - Analog Devices AD8591 Datasheet HTML 8Page - Analog Devices AD8591 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
REV. A
AD8591/AD8592/AD8594–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
25
mV
–40
°C < T
A < +85°C30
mV
Input Bias Current
IB
550
pA
–40
°C < T
A < +85
°C60
pA
Input Offset Current
IOS
125
pA
–40
°C < T
A < +85
°C30
pA
Input Voltage Range
0
+2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to +2.7 V
38
45
dB
Large Signal Voltage Gain
AVO
RL = 2 k
Ω , V
O = +0.3 V to +2.4 V
25
V/mV
Offset Voltage Drift
∆V
OS/
∆T20
µV/°C
Bias Current Drift
∆I
B/∆T
50
fA/
°C
Offset Current Drift
∆I
OS/
∆T
20
fA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 10 mA
+2.55
+2.61
V
–40
°C to +85°C
+2.5
V
Output Voltage Low
VOL
IL = 10 mA
60
100
mV
–40
°C to +85°C
125
mV
Output Current
IOUT
±250
mA
Open-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
60
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = +2.5 V to +6 V
45
55
dB
Supply Current/Amplifier
ISY
VO = 0 V
1
mA
–40
°C < T
A < +85°C
1.25
mA
Supply Current Shutdown Mode
ISD
All Amplifiers Shut Down
0.1
1
µA
–40
°C < T
A < +85
°C1
µA
ISD1
Amplifier 1 Shut Down (AD8592)
1.4
mA
ISD2
Amplifier 2 Shut Down (AD8592)
1.4
mA
SHUTDOWN INPUTS
Logic High Voltage
VINH
–40
°C < T
A < +85
°C
+1.6
V
Logic Low Voltage
VINL
–40
°C < T
A < +85
°C
+0.5
V
Logic Input Current
IIN
–40
°C < T
A < +85°C1
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
3.5
V/
µs
Settling Time
tS
To 0.01%
1.4
µs
Gain Bandwidth Product
GBP
2.2
MHz
Phase Margin
Φo
67
Degrees
Channel Separation
CS
f = 1 kHz, RL = 2 k
Ω
65
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
45
nV/
√Hz
f = 10 kHz
30
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/
√Hz
Specifications subject to change without notice.
(VS = +2.7 V, VCM = +1.35 V, TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com