Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8591 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8591
Description  CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8591 Datasheet(HTML) 4 Page - Analog Devices

  AD8591 Datasheet HTML 1Page - Analog Devices AD8591 Datasheet HTML 2Page - Analog Devices AD8591 Datasheet HTML 3Page - Analog Devices AD8591 Datasheet HTML 4Page - Analog Devices AD8591 Datasheet HTML 5Page - Analog Devices AD8591 Datasheet HTML 6Page - Analog Devices AD8591 Datasheet HTML 7Page - Analog Devices AD8591 Datasheet HTML 8Page - Analog Devices AD8591 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD8591/AD8592/AD8594
–4–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8591/AD8592/AD8594 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Output Short Circuit
Duration to GND
2
. . . . . . . . . . . . Observe Derating Curves
Storage Temperature Range
R, RT, RM, RU Packages . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD8591/AD8592/AD8594 . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
R, RT, RM, RU Packages . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2For supplies less than
± 5 V the differential input voltage is limited to the supplies.
Package Type
JA
1
JC
Units
6-Lead SOT-23 (RT)
230
92
°C/W
10-Lead
µSOIC (RM)
200
44
°C/W
16-Lead SOIC (R)
120
36
°C/W
16-Lead TSSOP (RU)
180
35
°C/W
NOTE
1
θ
JA is specified for worst case conditions, i.e., θJA is specified for device in socket
for surface mount packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8591ART
–40
°C to +85°C
6-Lead SOT-23
RT-6
AD8592ARM –40
°C to +85°C
10-Lead
µSOIC
RM-10
AD8594AR
–40
°C to +85°C
16-Lead SOIC
R-16A
AD8594ARU –40
°C to +85°C
16-Lead TSSOP
RU-16
WARNING!
ESD SENSITIVE DEVICE
LOAD CURRENT – mA
10
0.1
1k
0.01
0.1
1
10
1
100
1k
SOURCE
SINK
VS = +2.7V
TA = +25 C
100
Figure 1. Output Voltage to Supply
Rail vs. Load Current
LOAD CURRENT – mA
10
0.1
1k
0.01
0.1
1
10
1
100
10k
SOURCE
SINK
VS = +5V
TA = +25 C
100
1k
Figure 2. Output Voltage to Supply
Rail vs. Load Current
TEMPERATURE – C
40
20
100
0
20406080
0.90
0.50
0.85
0.70
0.65
0.60
0.55
0.80
0.75
VS = +5V
VS = +2.7V
Figure 3. Supply Current per
Amplifier vs. Temperature
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com