Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8600AP Datasheet(PDF) 8 Page - Analog Devices

Part # AD8600AP
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600AP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8600AP Datasheet HTML 4Page - Analog Devices AD8600AP Datasheet HTML 5Page - Analog Devices AD8600AP Datasheet HTML 6Page - Analog Devices AD8600AP Datasheet HTML 7Page - Analog Devices AD8600AP Datasheet HTML 8Page - Analog Devices AD8600AP Datasheet HTML 9Page - Analog Devices AD8600AP Datasheet HTML 10Page - Analog Devices AD8600AP Datasheet HTML 11Page - Analog Devices AD8600AP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
–8–
AD8600
*Patent Pending.
Figure 14. Supply Current vs. Temperature
Figure 15. Output Voltage Drift
Accelerated by Burn-In
TEMPERATURE –
°C
20
15
16
18
17
19
125
–50
–75
100
25
50
–25
0
75
VCC = +5V
VEE = –5V
VREF = 3.5V
χ
χ + 3σ
χ − 3σ
T = HOURS OF OPERATION AT +125
°C
1200
200
0
1000
600
800
400
χ
χ + 3σ
χ − 3σ
V
CC
= +5V
V
EE
= –5V
V
REF
= 3.5V
CODE = 00
H
–2
–4
0
2
4
1
3
5
–1
–3
–5
Operation
The AD8600 is a 16-channel voltage output, 8-bit digital to
analog converter. The AD8600 operates from a single +5 V
supply, or for a wider output swing range, the part can operate
from dual supplies of
±5 V or ±6 V or a single supply of +7 V.
The DACs are based upon a unique R-2R ladder structure*
that removes the possibility of current injection from the refer-
ence to ground during code switching. Each of the 8-bit DACs
has an output amplifier to provide 16 low impedance outputs.
With a single external reference, 16 independent dc output lev-
els can be programmed through a parallel digital interface. The
interface includes 4 bits of address (A0–A3), 8 bits of data
(DB0–DB7), a read/write select pin (R/W), an enable clock
strobe (EN), a DAC register load strobe (LD), and a chip select
pin (CS). Additionally a reset pin (RS) is provided to asynchro-
nously reset all 16 DACs to 0 V output.
D/A Converter Section
The internal DAC is an 8-bit voltage mode device with an out-
put that swings from DACGND to the external reference volt-
age, VREF. The equivalent schematic of one of the DACs is
shown in Figure 16. The DAC uses an R-2R ladder to ensure
accuracy and linearity over the full temperature range of the part.
The switches shown are actually N and P-channel MOSFETs to
allow maximum flexibility and range in the choice of reference
R
R
R
V
OUT
R
R
R
2R
R
R
R
R
R
TO 15
DACs
V
REF
DACGND
*R = 30k
Ω
TYPICALLY
Figure 16. Equivalent Schematic of Analog Channel
voltage. The switches’ low ON resistance and matching is im-
portant in maintaining the accuracy of the R-2R ladder.
Amplifier Section
The output of the DAC ladder is buffered by a rail-to-rail out-
put amplifier. This amplifier is configured as a unity gain fol-
lower as shown in Figure 16. The input stage of the amplifier
contains a PNP differential pair to provide low offset drift and
noise. The output stage is shown in Figure 17. It employs
complementary bipolar transistors with their collectors con-
nected to the output to provide rail-to-rail operation. The NPN
transistor enters into saturation as the output approaches the
negative rail. Thus, in single supply, the output low voltage is
limited by the saturation voltage of the transistor. For the tran-
sistors used in the AD8600, this is approximately 40 mV. The
AD8600 was not designed to swing to the positive rail in con-
trast to some of ADI’s other DACs (for example, the AD8582).
The output stage of the amplifier is actually capable of swinging
to the positive rail, but the input stage limits this swing to ap-
proximately 1.0 V below VCC.
V
EE
V
OUT
V
CC
Figure 17. Equivalent Analog Output Circuit
During normal operation, the output stage can typically source
and sink
±1 mA of current. However, the actual short circuit
current is much higher. In fact, each DAC is capable of sourc-
ing 20 mA and sinking 8 mA during a short condition. The
absolute maximum ratings state that, at most, four DACs can
be shorted simultaneously. This restriction is due to current
densities in the metal traces. If the current density is too high,
voltage drops in the traces will cause a loss in linearity perfor-
mance for the other DACs in the package. Thus to ensure long-
term reliability, no more than four DACs should be shorted
simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com