Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8600AP Datasheet(PDF) 2 Page - Analog Devices

Part # AD8600AP
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600AP Datasheet(HTML) 2 Page - Analog Devices

  AD8600AP Datasheet HTML 1Page - Analog Devices AD8600AP Datasheet HTML 2Page - Analog Devices AD8600AP Datasheet HTML 3Page - Analog Devices AD8600AP Datasheet HTML 4Page - Analog Devices AD8600AP Datasheet HTML 5Page - Analog Devices AD8600AP Datasheet HTML 6Page - Analog Devices AD8600AP Datasheet HTML 7Page - Analog Devices AD8600AP Datasheet HTML 8Page - Analog Devices AD8600AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8600–SPECIFICATIONS
SINGLE SUPPLY
Parameter
Symbol
Condition
Min
Typ
Max
Units
STATIC PERFORMANCE
1
Resolution
N
8
Bits
Relative Accuracy
2
INL
–1
±1/2 +1
LSB
Differential Nonlinearity
2
DNL
Guaranteed Monotonic
–1
±1/4 +1
LSB
Full-Scale Voltage
VFS
Data = FFH
2.480
2.490 2.500
V
Full-Scale Tempco
TCVFS
Data = FFH
±20
ppm/
°C
Zero Scale Error
VZSE
Data = 00H, RS = “0,” TA = +25°C
+3.5
LSB
VZSE
Data = 00H, RS = “0”
+5
LSB
Reference Input Resistance
RREF
Data = ABH
1.2
2
k
Ω
ANALOG OUTPUT
Output Voltage Range
2
OVRSS
VREF = +2.5 V
0.000
2.500
V
Output Current
IOUT
Data = 80H
± 2mA
Capacitive Load
CL
No Oscillation
50
pF
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Logic Input Current
IIL
10
µA
Logic Input Capacitance
3
CIL
10
pF
LOGIC OUTPUTS
Logic Out High Voltage
VOH
IOH = –0.4 mA
3.5
V
Logic Out Low Voltage
VOL
IOL = 1.6 mA
0.4
V
AC CHARACTERISTICS
3
Slew Rate
SR
For
∆V
REF or FS Code Change
4
7
V/
µs
Voltage Output Settling Time
2
tS1
±1 LSB of Final Value, Full-Scale Data Change
2
µs
Voltage Output Settling Time
2
tS2
±1 LSB of Final Value, ∆V
REF = 1 V, Data = FFH
2
µs
POWER SUPPLIES
Positive Supply Current
ICC
VIH = 5 V, VIL = 0 V, No Load
24
35
mA
Logic Supply Currents
IDD1&2
VIH = 5 V, VIL = 0 V, No Load
0.1
mA
Power Dissipation
PDISS
VIH = 5 V, VIL = 0 V, No Load
120
175
mW
Power Supply Sensitivity
PSS
∆V
CC = ± 5%
0.007
%/%
Logic Power Supply Range
VDDR
4.75
5.25
V
Positive Power Supply Range
3
VCCR
VDD
7.0
V
NOTES
1When V
REF = 2.500 V, 1 LSB = 9.76 mV.
2Single supply operation does not include the final 2 LSBs near analog ground. If this performance is critical, use a negative supply (V
EE) pin of at least –0.7 V to
–5.25 V. Note that for the INL measurement zero-scale voltage is extrapolated using codes 7 10 to 8010.
3Guaranteed by design not subject to production test.
Specifications subject to change without notice.
REV. 0
–2–
(@ VDD1 = VDD2 = VCC = +5 V
± 5%, V
EE = 0 V, VREF = +2.500 V, –40
°C ≤ T
A
≤ +85°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com