Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3P4W Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PE3P4W
Description  3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PE3P4W Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PE3P4W Datasheet HTML 1Page - PowerDynamics, Inc PE3P4W Datasheet HTML 2Page - PowerDynamics, Inc PE3P4W Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice. Dimensions (mm).
3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W Series
MECHANICAL DIMENSIONS
FEATURES
The PE3P4W series filters have been designed for
heavy-duty machinery that requires noise control. The
filters offer good noise attenuation in both forward and
reverse directions for common mode and differential
mode. These filters are designed with high reliability
for industrial equipment. This series offers filters up to
250A at 250VAC/500VAC with suppression from
150KHz to 30MHz.
APPLICATIONS
Heavy Industry equipment, Measuring & control equipment,
Power supplies, other electronic/electrical equipment.
(Unit: mm)
G2A
C5
140.0
65.0
35.0
164.0
184.0
2x 10
M6 TYP.
126.4
170.0
201.0
92.0
2x 10x14
77.0
54.0
14.0
34.0
2x R5x 10
90.6
100.0
2x 5.0
M6 TYP.
84.0
112.0
143.0
30
60
100
(379.8)
300
44
44
44
200
300
347
M12 TYP.
2x 10.5x13.5
180
2x
11
G3A
55
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PE3P4W

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PE3P40PS-1-G3 POWERDYNAMICS-PE3P40PS-1-G3 Datasheet
165Kb / 4P
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P40PS-2-G3 POWERDYNAMICS-PE3P40PS-2-G3 Datasheet
165Kb / 4P
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P40PS-3-G3 POWERDYNAMICS-PE3P40PS-3-G3 Datasheet
165Kb / 4P
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P40PS-4-G4 POWERDYNAMICS-PE3P40PS-4-G4 Datasheet
165Kb / 4P
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P40PS-5-C6 POWERDYNAMICS-PE3P40PS-5-C6 Datasheet
165Kb / 4P
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
More results

Similar Description - PE3P4W

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PDF016T POWERDYNAMICS-PDF016T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PE3P POWERDYNAMICS-PE3P Datasheet
165Kb / 4P
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com