Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3P4W Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PE3P4W
Description  3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PE3P4W Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PE3P4W Datasheet HTML 1Page - PowerDynamics, Inc PE3P4W Datasheet HTML 2Page - PowerDynamics, Inc PE3P4W Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA
• Rated Voltage: 500VAC
• Rated Current: 60A, 80A, 100A, 150A, 200A, 250A
• Power Line Frequency: 50/60Hz
• Max. Leakage Current each
Line to Ground:
@ 500VAC, 60Hz: 2.6mA (60A, 80A)
@ 500VAC, 60Hz: 7.5mA (100A)
@ 500VAC, 60Hz: 8.0mA (150A, 200A, 250A)
• Hipot Rating (one minute)
Line to Ground: 2250VDC
• Temperature Range: -25C to +50C
PE3P4W Series
SCHEMATIC 3; CASE C5
Non-Medical Applications
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
PDI
R
Cx1,2
Cy
L
Comm. Mode (L-G) in MHz
Diff. Mode (L-L) in MHz
P/N
(Ohms)
(uF)
(pF)
(mH x 2)
.15
.5
1
5
10
30
.15
.5
1
5
10
30
PE3P4W-60PS-3-C5
1.00
3300
0.8
38
42
54
56
47
32
78
73 63
48 51
31
PE3P4W-80PS-3-C5
2.20
3300
0.4
42
48
53
49
56
45
75
65 68
54 43
32
PE3P4W-100PS-3-C5
430K
2.20
4700
0.1
37
53
59
53
52
43
81
75 63
52 39
27
PE3P4W-150PS-3-C5
3.30
10000
0.06
35
56
63
54
48
32
85
72 58
54 45
29
PE3P4W-200PS-3-C5
3.30
10000
0.02
32
53
61
58
51
28
82
78 65
53 41
25
PE3P4W-250PS-3-C5
3.30
10000
0.015
30
57
60
63
49
27
83
78 68
51 43
28
C1
E
L1
L2
R
L3
N
C1
R
R
C1
L1
L1
L1
L2
L2
L2
C2
C2
L'1
L'2
L'4
L'3
Cy
Cy
Cy
Cy
C2
Current
Rating (A)
60
80
100
150
200
250
57
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com