Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF03PC Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PF03PC
Description  PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PF03PC Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PF03PC Datasheet HTML 1Page - PowerDynamics, Inc PF03PC Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. Dimensions (mm).
PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PF Series
MECHANICAL DIMENSIONS
FEATURES
The PF series filters offer PC Board Mount filters in plastic
case style. These filters are built in a very compact size and
can be easily installed on a PC board. The filters offer
excellent performance in suppressing Line-to-Line and Line-to-
Ground noise.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
• Rated Voltage: 250VAC
• Rated Current: 1A, 3A, 5A, 6A, 10A
• Power Line Frequency: 60Hz
• Leakage Current: 0.8mA, 250VAC
• Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
• Temperature Range: -25C to +85C
(Unit: mm)
30.0
41.0
1.30x1.30 TYP.
7.5+-- 1.0
20.3 +--0.5
27.0+--0.2
20.0+--0.2
10.0+--0.2
10.0+--0.2
5x 1.6
27.0+--0.2
10.0+--0.2
N
L
N'
L'
G'
20.0+--0.2
10.0+--0.2
23
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PF03PC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PF03 MACOM-PF03 Datasheet
40Kb / 1P
40-860 MHz. Ultra-linear Opto Receiver Amplifier
logo
Hitachi Semiconductor
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
MOS FET Power Amplifier Module for VHF Band
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
MOS FET Power Amplifier Module for VHF Band
PF0314 HITACHI-PF0314 Datasheet
57Kb / 16P
MOS FET Power Amplifier Module for VHF Band
More results

Similar Description - PF03PC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VR1 MACOM-1VR1 Datasheet
347Kb / 2P
Two-Stage General Purpose RFI Power Line Filter
logo
PowerDynamics, Inc
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com