Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8632ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8632ARM
Description  1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8632ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8632ARM Datasheet HTML 2Page - Analog Devices AD8632ARM Datasheet HTML 3Page - Analog Devices AD8632ARM Datasheet HTML 4Page - Analog Devices AD8632ARM Datasheet HTML 5Page - Analog Devices AD8632ARM Datasheet HTML 6Page - Analog Devices AD8632ARM Datasheet HTML 7Page - Analog Devices AD8632ARM Datasheet HTML 8Page - Analog Devices AD8632ARM Datasheet HTML 9Page - Analog Devices AD8632ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8631/AD8632
–6–
REV. 0
– Typical Characteristics
TEMPERATURE – C
500
200
125
50
25
50
100
450
400
350
300
250
VS = 5V
25
075
Figure 3. Supply Current per Amplifier vs. Temperature
COMMON-MODE VOLTAGE – V
150
150
100
50
0
50
100
3
3
2
1
0
12
VS = 2.5V
TA = 25 C
Figure 4. Input Bias Current vs. Common-Mode Voltage
SOURCE
LOAD CURRENT –
A
140
120
0
10
10k
100
1k
100
80
60
40
20
TA = 25 C
Figure 5. Output Voltage to Supply Rail vs. Load Current
FREQUENCY – Hz
100k
100M
1M
10M
40
40
30
20
10
0
10
20
30
45
0
45
90
90
VS = 5V
TA = 25 C
GAIN
PHASE
Figure 6. Open-Loop Gain vs. Frequency
FREQUENCY – Hz
10
100M
1k
1M
40
40
20
20
50
100
10k
100k
10M
VS = ±2.5V
TA = 25 C
30
10
0
10
30
Figure 7. Closed-Loop Gain vs. Frequency
FREQUENCY – Hz
10
1k
1M
100
20
40
60
80
0
100
10k
100k
10M
VS = 2.5V
TA = 25 C
Figure 8. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com