Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8632ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD8632ARM
Description  1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8632ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8632ARM Datasheet HTML 3Page - Analog Devices AD8632ARM Datasheet HTML 4Page - Analog Devices AD8632ARM Datasheet HTML 5Page - Analog Devices AD8632ARM Datasheet HTML 6Page - Analog Devices AD8632ARM Datasheet HTML 7Page - Analog Devices AD8632ARM Datasheet HTML 8Page - Analog Devices AD8632ARM Datasheet HTML 9Page - Analog Devices AD8632ARM Datasheet HTML 10Page - Analog Devices AD8632ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8631/AD8632
–7–
REV. 0
FREQUENCY – Hz
10
1k
1M
20
40
60
80
0
100
10k
100k
10M
120
PSRR
VS = 2.5V
TA = 25 C
PSRR
100
Figure 9. PSRR vs. Frequency
VS = 5V
VCM = 2.5V
RL = 10k
TA = 25 C
VIN = 50mV
AV = +1
CAPACITANCE – pF
60
50
0
10
100
30
20
10
40
OS
+OS
Figure 10. Overshoot vs. Capacitance Load
FREQUENCY – Hz
6
5
0
10k
1M
100k
3
2
1
4
DISTORTION
3%
VS = 5V
AV = +1
RL = 10k
TA = 25 C
CL = 15pF
Figure 11. Output Swing vs. Frequency
FREQUENCY – Hz
10
100M
1k
1M
0
60
40
100
10k
100k
10M
VS = 5V
TA = 25 C
10
20
30
50
AV = +10
AV = +1
Figure 12. Output Impedance vs. Frequency
FREQUENCY – Hz
50
0
10
10k
100
1k
40
30
20
10
VS =5V
TA = 25 C
Figure 13. Voltage Noise Density vs. Frequency
FREQUENCY – Hz
5
0
10
10k
100
1k
4
3
2
1
VS = 5V
TA = 25 C
Figure 14. Current Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com