Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9012SQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9012SQ
Description  High Speed 8-Bit TTL A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9012SQ Datasheet(HTML) 5 Page - Analog Devices

  AD9012SQ Datasheet HTML 1Page - Analog Devices AD9012SQ Datasheet HTML 2Page - Analog Devices AD9012SQ Datasheet HTML 3Page - Analog Devices AD9012SQ Datasheet HTML 4Page - Analog Devices AD9012SQ Datasheet HTML 5Page - Analog Devices AD9012SQ Datasheet HTML 6Page - Analog Devices AD9012SQ Datasheet HTML 7Page - Analog Devices AD9012SQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. D
AD9012
–5–
APERTURE
DELAY
ANALOG
INPUT
ENCODE
OUTPUT
DATA
N
N + 1
N + 2
N – 1
N + 1
N
tPD
Figure 2. Timing Diagram
VREF
R
R/2
R/2
R
VREF
5.2V
256 COMPARATOR
CELLS
REFMID
ANALOG
INPUT
ENCODE
5.0V
DIGITAL
OUTPUTS
5.0V
Figure 3. Input Output Circuits
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . 111
× 123 × 15 (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Nitride
Die Attach . . . . . . . . . . . . . . . . . . . . Gold Eutectic (Ceramic)
Epoxy (Plastic)
Bond Wire . . . . . . . . . . . . . 1–1.3 mil Gold; Gold Ball Bonding
ALL RESISTORS
5%
ALL CAPACITORS
20%
ALL SUPPLY VOLTAGES
5%
D1 (LSB)
D2
D3
D4
D5
D6
D7
OVERFLOW
AIN
ENCODE
–VREF
VH
+VREF
AD1
AD2
–2.0V
DIGITAL
GROUND
ANALOG
GROUND
0.1 F
–5.2V
+5.0V
–VS
+VS
0.1 F
100
510
D8 (MSB)
ONE JUMPER
PER BOARD
OPTION #1 (STATIC) AD1 = –2.0V; AD2 = +2.4V
OPTION #2 (DYNAMIC) SEE WAVEFORMS
AD9012
0V
–2V
+2.4V
+0.4V
640 s
5 s
AD1
AD2
1k
1k
1k
1k
1k
1k
1k
1k
1k
D1 (LSB)
LOAD
RESISTORS
Figure 4. Burn-In Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com