Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9012SQ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9012SQ
Description  High Speed 8-Bit TTL A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9012SQ Datasheet(HTML) 7 Page - Analog Devices

  AD9012SQ Datasheet HTML 1Page - Analog Devices AD9012SQ Datasheet HTML 2Page - Analog Devices AD9012SQ Datasheet HTML 3Page - Analog Devices AD9012SQ Datasheet HTML 4Page - Analog Devices AD9012SQ Datasheet HTML 5Page - Analog Devices AD9012SQ Datasheet HTML 6Page - Analog Devices AD9012SQ Datasheet HTML 7Page - Analog Devices AD9012SQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. D
AD9012
–7–
10
OVERFLOW
D8 (MSB)
D7
D6
D5
D4
D3
D2
D1 (LSB)
–5.2V
+5.0V
0.01 F
0.1 F
0.01 F
ENCODE
AIN
AIN
–VREF
+VREF
0.1 F
100
AD741
HOS200
AD9012
EQUAL
DISTANCE
TTL
ENCODE
INPUT
240
–5.2V
50
500
0.1 F
LATCH
74AS843
CLK
10124
10124
25 PIN
D
CONNECTOR
1k
1k
74AS04
OVERFLOW
INH
560
1k
–5.2V
0.1 F
HYSTERESIS
REFMID
0.1 F
240
2N3906
160
0.01 F
0.1 F
82
1N747
100
2N3906
AD642
ANALOG
INPUT
(2V p-p MAX)
50
100
430
430
LINEARITY OUTPUT
(ERROR WAVEFORM)
AD642
RECONSTRUCTED
OUTPUT
37.5
50
NOTE:
10124, ECL OUTPUTS,
SHOULD BE TERMINATED
TO –2V WITH
100
REGISTERS.
AD9768
Figure 6. Evaluation Circuit
ANALOG INPUT FREQUENCY – MHz
65
1
60
55
50
45
40
35
30
100
3RD HARMONIC
2ND HARMONIC
SNR*
10
*WITH HARMONICS
INPUT = 0.1dB BELOW FULL SCALE
ENCODE RATE = 75MSPS
70
Figure 7. Dynamic Performance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com