Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042ST/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9042ST/PCB
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042ST/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9042ST/PCB Datasheet HTML 10Page - Analog Devices AD9042ST/PCB Datasheet HTML 11Page - Analog Devices AD9042ST/PCB Datasheet HTML 12Page - Analog Devices AD9042ST/PCB Datasheet HTML 13Page - Analog Devices AD9042ST/PCB Datasheet HTML 14Page - Analog Devices AD9042ST/PCB Datasheet HTML 15Page - Analog Devices AD9042ST/PCB Datasheet HTML 16Page - Analog Devices AD9042ST/PCB Datasheet HTML 17Page - Analog Devices AD9042ST/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD9042
–14–
REV. A
transformer, a sine wave could have been used; however, note
that U5 requires TTL levels to function properly.
AD9042 output data is latched using 74ACT574 (U3, U4)
latches following 499 ohm series resistors. The resistors limit
the current that would otherwise flow due to the digital output
slew rate. The resistor value was chosen to represent a time
constant of ~25% of the data rate at 40 MHz. This reduces slew
rate while not appreciably distorting the data waveform. Data is
latched in a pipeline configuration; a rising edge generates the
new AD9042 data sample, latches the previous data at the
converter output, and strobes the external data register over J3.
Power and ground must be applied to J3 to power the digital
logic section of the evaluation board.
NC = NO CONNECT
14
13
12
11
10
9
8
1
2
3
4
7
6
5
17
16
15
20
19
18
28
27
26
25
24
23
22
21
GND
D8
D9
D10
(MSB) D11
DVCC
ENCODE
D5
D6
D7
ENCODE
AIN
VOFFSET
VREF
D2
D3
D4
AVCC
GND
AVCC
D1
NC
NC
(LSB) D0
GND
GND
GND
GND
U2
AD9042
GND
GND
GND
GND
GND
+5V
GND
+5VA
+5VA
R2
499
Ω
2
9
8
7
6
3
4
5
12
13
14
15
16
17
18
19
R3
499
Ω
R4
499
Ω
R5
499
Ω
R6
499
Ω
R7
499
Ω
U3
74ACT574
8D
7D
5D
1D
4D
6D
3D
2D
5Q
6Q
7Q
8Q
2Q
3Q
4Q
1Q
OE
CK
B06
B07
B08
B09
B10
B11
GND
GND
3
2
1
4
6
T1
T1–1T
R15
100
Ω
U1
K1115
14
7
8
VCC
VEE
C14
0.1µF
+5VA
1
2
3
U5
74AS00
5
6
U5
74AS00
4
BUFLAT
BNC
J1
BNC
J2
R1
60.4
Ω
C2
0.1µF
R14
49.9
Ω
C3
0.1µF
11
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
+5V
B11
B10
B09
B08
B07
B06
B05
B04
B03
B02
B01
B00
GND
GND
GND
GND
GND
2
9
8
7
6
3
4
5
12
13
14
15
16
17
18
19
U4
74ACT574
8D
7D
5D
1D
4D
6D
3D
2D
5Q
6Q
7Q
8Q
2Q
3Q
4Q
1Q
OE
CK
B00
B01
B02
B03
B04
B05
GND
GND
11
1
OUT
BUFLAT
R8
499
Ω
R9
499
Ω
R10
499
Ω
R11
499
Ω
R12
499
Ω
R13
499
Ω
H40DM
J3
+5V
C6
10µF
+
C7
0.1µF
C11
0.1µF
C12
0.1µF
C13
0.1µF
C15
0.1µF
C16
0.1µF
+5VA
C4
10µF
+
C8
0.1µF
C9
0.1µF
C17
0.1µF
Figure 37. AD9042D/PCB Schematic
Table I. AD9042D/PCB Bill of Material
Item
Quantity
Reference
Description
1
2
+5VA, GND
Banana Jack
2
10
C2–C3, C7–C9, C11–C17
Ceramic Chip Capacitor 0805, 0.1
µF
3
2
C4, C6
Tantalum Chip Capacitor 10
µF
4
1
J3
40-Pin Double Row Male Header
5
2
J1, J2
BNC Coaxial PCB Connector
6
1
R1
Surface Mount Resistor 1206, 60.4 ohms
7
12
R2–R13
Surface Mount Resistor 1206, 499 ohms
8
1
R14
Surface Mount Resistor 1206, 49.9 ohms
9
1
R15
Surface Mount Resistor 1206, 100 ohms
10
1
T1
Surface Mount Transformer Mini-Circuits T1–1T
11
1
U1
40.96 MHz Clock Oscillator
12
1
U2
AD9042AD 12-Bit–41 MSPS ADC Converter
13
2
U3, U4
74ACT574 Octal Latch
14
1
U5
74AS00 Quad Two Input NAND Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com