Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042ST/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9042ST/PCB
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042ST/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9042ST/PCB Datasheet HTML 16Page - Analog Devices AD9042ST/PCB Datasheet HTML 17Page - Analog Devices AD9042ST/PCB Datasheet HTML 18Page - Analog Devices AD9042ST/PCB Datasheet HTML 19Page - Analog Devices AD9042ST/PCB Datasheet HTML 20Page - Analog Devices AD9042ST/PCB Datasheet HTML 21Page - Analog Devices AD9042ST/PCB Datasheet HTML 22Page - Analog Devices AD9042ST/PCB Datasheet HTML 23Page - Analog Devices AD9042ST/PCB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD9042
–24–
REV. A
AD9042AST OUTLINE DIMENSIONS
Dimensions shown in inches and (mm)
44-Pin Thin Quad Flatpack
(ST-44)
TOP VIEW
(PINS DOWN)
12
44
1
11
22
23
34
33
0.018 (0.45)
0.012 (0.30)
0.031 (0.80)
BSC
0.393
(10.0)
BSC
SQ
0.472 (12.00) BSC SQ
0.006 (0.15)
0.002 (0.05)
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.018 (0.45)
0.008 (0.20)
0.003 (0.09)
0.039
(1.00)
REF
AD9042AD OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Pin Hermetic Ceramic DIP
(DH-28)
28
114
15
0.595
± 0.010
(15.11
± 0.25)
PIN 1 IDENTIFIERS
SEATING
PLANE
0.225
(5.72)
MAX
0.150
(3.81)
MIN
0.600 (15.24)
REF
0.010
± 0.002
(0.25
± 0.05)
1.400
± 0.014
(35.56
± 0.35)
0.018
± 0.002
(0.46
± 0.05)
0.100 (2.54)
TYP
0.050
± 0.010
(1.27
± 0.25)
0.05 (1.27)
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com