Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040APCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9040APCB
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040APCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9040APCB Datasheet HTML 4Page - Analog Devices AD9040APCB Datasheet HTML 5Page - Analog Devices AD9040APCB Datasheet HTML 6Page - Analog Devices AD9040APCB Datasheet HTML 7Page - Analog Devices AD9040APCB Datasheet HTML 8Page - Analog Devices AD9040APCB Datasheet HTML 9Page - Analog Devices AD9040APCB Datasheet HTML 10Page - Analog Devices AD9040APCB Datasheet HTML 11Page - Analog Devices AD9040APCB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9040A
REV. B
–9–
Figure 9. PCB Bottom View
Table II. Digital Coding
Analog
Voltage
Out-of-
Input
Level
Range
Digital Output
MSB . . . LSB
+1.002 V
Positive Full Scale + 1 LSB 1
1111111111
+1 V
Positive Full Scale
0
1111111111
Full Scale – 1 LSB
0
1111111110
+1/2 V
Positive 1/2 Scale
0
1100000000
1/2 Scale – 1 LSB
0
1011111111
0 V
Bipolar Zero
0
10000000000
0
01111111111
–1/2 V
1/2 Scale + 1 LSB
0
0100000000
Negative 1/2 Scale
0
0011111111
–1 V
Full Scale + 1 LSB
0
0000000001
Negative Full Scale
0
0000000000
–1.002 V
Negative Full Scale – 1 LSB 1
0000000000
Figure 8. PCB Top View
DAC Reconstruction
The AD9040A evaluation board provides an onboard AD9721
reconstruction DAC for observing the digitized analog input
signal. The AD9721 is terminated into 51 ohms to provide a
1 V p-p signal at the output (RC OUTPUT).
Output Data
The output data bits are latched with a CMOS 74AC574 which
drives a 40-pin connector (AMP p/n 102153-9). The data and
clock signals are available on the connector per the pin assign-
ments shown on the schematic of the evaluation board. Output
data are available on the falling edge of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com