Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040APCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9040APCB
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040APCB Datasheet(HTML) 3 Page - Analog Devices

  AD9040APCB Datasheet HTML 1Page - Analog Devices AD9040APCB Datasheet HTML 2Page - Analog Devices AD9040APCB Datasheet HTML 3Page - Analog Devices AD9040APCB Datasheet HTML 4Page - Analog Devices AD9040APCB Datasheet HTML 5Page - Analog Devices AD9040APCB Datasheet HTML 6Page - Analog Devices AD9040APCB Datasheet HTML 7Page - Analog Devices AD9040APCB Datasheet HTML 8Page - Analog Devices AD9040APCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9040A
REV. B
–3–
Test
AD9040AJN/JR
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Units
ENCODE INPUT
Logic “1” Voltage
Full
VI
4.0
V
Logic “0” Voltage
Full
VI
1.0
V
Logic “1” Current
Full
VI
±1
µA
Logic “0” Current
Full
VI
±1
µA
Input Capacitance
+25
°CV
14
pF
Encode Pulsewidth (High) (tEH)
6
+25
°C
IV
10
100
ns
Encode Pulsewidth (Low) (tEL)
6
+25
°C
IV
10
100
ns
DIGITAL OUTPUTS
Logic “1” Voltage
Full
VI
4.95
V
Logic “0” Voltage
Full
VI
0.05
V
Output Coding
Offset Binary
POWER SUPPLY
VD Supply Current
Full
VI
13
20
mA
+VS Supply Current
Full
VI
89
110
mA
–VS Supply Current
Full
VI
87
105
mA
Power Dissipation
Full
VI
0.94
1.2
W
Power Supply
Rejection Ratio (PSRR)
7
+25
°CI
±15
mV/V
NOTES
1“Gain Tempco” is for converter using internal reference; “Temperature
Coefficient” is for bandgap reference only.
2Output propagation delay (t
PD) is measured from the 50% point of the falling
edge of the encode command to the min/max voltage levels of the digital
outputs with 10 pF maximum loads.
3RMS signal to rms noise with analog input signal 1 dB below full scale at
specified frequency.
4ENCODE = 32 MSPS.
53rd order intermodulation measured with analog input frequencies of 2.3 MHz
and 2.4 MHz at 7 dB below full scale.
6For rated performance at 40 MSPS, duty cycle of encode command should be
50%
±10%.
7Measured as the ratio of the change in offset voltage for a 5% change in +V
S
or –VS.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% Production Tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III – Sample Tested Only.
IV – Parameter is guaranteed by design and characterization
testing.
V – Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for military
temperature devices; guaranteed by design and character-
ization testing for industrial devices.
ABSOLUTE MAXIMUM RATINGS
1
±V
S
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
ANALOG IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to +VS
DIGITAL INPUTS . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +VS
VREF Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +VS
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature
AD9040AJN/JR . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature
2 (JN/JR Suffixes) . . . +150
°C
Lead Soldering Temp (10 sec) . . . . . . . . . . . . . . . . . . . +300
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances (parts soldered to board):
N Package (Plastic DIP):
θ
JA = 42°C/W; θJC = 10°C/W.
R Package (SOIC):
θ
JA = 47°C/W; θJC = 10°C/W.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9040AJN
0
°C to +70°C
28-Lead Plastic DIP
N-28
AD9040AJR
0
°C to +70°C
28-Lead SOIC Package
R-28
AD9040A/PWB
Printed Circuit Board (Only) of Evaluation Circuit
AD9040A/PCB
Complete Evaluation Board, Assembled and Tested,
Including AD9040AJR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com