Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9054 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9054
Description  8-Bit, 200 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9054 Datasheet HTML 9Page - Analog Devices AD9054 Datasheet HTML 10Page - Analog Devices AD9054 Datasheet HTML 11Page - Analog Devices AD9054 Datasheet HTML 12Page - Analog Devices AD9054 Datasheet HTML 13Page - Analog Devices AD9054 Datasheet HTML 14Page - Analog Devices AD9054 Datasheet HTML 15Page - Analog Devices AD9054 Datasheet HTML 16Page - Analog Devices AD9054 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD9054
–13–
REV. 0
the specification table. In this case the DS hold time specifica-
tion on the rising edge can be ignored.
Applications that will continuously update the synchronization
command need to treat the DS signal as a pulse and satisfy
timing requirements on both rising and falling edges. It is easiest
to consider the DS signal in this case to be a pulse train at one
half the encode rate, the positive pulse nominally bracketing the
ENCODE falling edge on alternate cycles as shown in the tim-
ing diagram (Figure 2). The falling/rising edge of DS has to
satisfy a minimum setup time (TSDS) before the rising/falling
edge of ENCODE; similarly, the rising/falling edge of DS has to
satisfy a minimum hold time (THDS) relative to the rising/falling
edge of ENCODE. DS can fall a minimum of THDS after
ENCODE falls and a maximum of TSDS before the next
ENCODE rises. DS can rise a minimum of THDS after
ENCODE rises and a maximum of TSDS before ENCODE
falls. This timing requirement produces a tight timing window
at higher encode rates. Synchronization by a single reset edge
results in a simpler timing solution in many applications. For
example, synchronization may be provided at the beginning of
each graphics line or frame.
The data are presented at the output of the AD9054 in a ping-
pong (alternating) fashion to optimize the performance of the
converter. It may be aligned for presentation as sixteen bits in
parallel by adding a register stage to the output.
In Dual Channel Mode, the converted data is produced five
clock cycles after the rising edge of ENCODE on which the
sample is taken (five pipeline delays).
VIN
0.1 F
1k
0.1 F
0.1 F
NC
CLOCK
VREF OUT
VREF IN
AIN
AIN
DEMUX
AD9054
DS
DS ENC ENC
A PORT
DS
'573
B PORT
'74
DIVIDE
BY 2
NC = NO CONNECT
Figure 36. Dual Port Mode—Aligned Output Data
In Figure 36, the converter is operating in Dual Port Mode,
with data coming alternately out of Port A and Port B. The
figure illustrates how the output data may be aligned with an
output latch to produce a 16-bit output at 1/2 the conversion
clock rate. The Data Sync input must be properly exercised to
time the A Port with the synchronizing latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com