Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9054 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9054
Description  8-Bit, 200 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054 Datasheet(HTML) 2 Page - Analog Devices

  AD9054 Datasheet HTML 1Page - Analog Devices AD9054 Datasheet HTML 2Page - Analog Devices AD9054 Datasheet HTML 3Page - Analog Devices AD9054 Datasheet HTML 4Page - Analog Devices AD9054 Datasheet HTML 5Page - Analog Devices AD9054 Datasheet HTML 6Page - Analog Devices AD9054 Datasheet HTML 7Page - Analog Devices AD9054 Datasheet HTML 8Page - Analog Devices AD9054 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. 0
AD9054–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (V
DD = +5 V, external reference, fS = max unless otherwise noted)
Test
AD9054BST-200
AD9054BST-135
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
Bits
DC ACCURACY
Differential Nonlinearity
+25
°CI
±0.9
+1.5/–1.0
±0.9
+1.5/–1.0
LSB
Full
VI
±1.0
+2.0/–1.0
±1.0
+2.0/–1.0
LSB
Integral Nonlinearity
+25
°CI
±0.6
±1.5
±0.6
±1.5
LSB
Full
VI
±0.9
±2.0
±0.9
±2.0
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Gain Error
1
+25
°CI
± 2
± 7
± 2
± 7% FS
Gain Tempco
1
Full
V
160
160
ppm/
°C
ANALOG INPUT
Input Voltage Range
(With Respect to
AIN)
Full
V
±512
±512
mV p–p
Compliance Range AIN or
AIN
Full
V
1.8
3.2
1.8
3.2
V
Input Offset Voltage
+25
°CI
± 4
±16
± 4
±16
mV
Full
VI
± 8
±19
± 8
±19
mV
Input Resistance
+25
°C
I
36
62
36
62
k
Ω
Full
VI
23
23
k
Ω
Input Capacitance
+25
°CV
4
4
pF
Input Bias Current
+25
°C
I
25
50
25
50
µA
Full
VI
75
75
µA
Analog Bandwidth, Full Power
2
+25
°C
V
350
350
MHz
REFERENCE OUTPUT
Output Voltage
Full
VI
2.4
2.5
2.6
2.4
2.5
2.6
V
Temperature Coefficient
Full
V
110
110
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate (fS)
Full
VI
200
135
MSPS
Minimum Conversion Rate (fS)
Full
IV
25
25
MSPS
Encode Pulsewidth High (tEH)
+25
°C
IV
2.0
15
3.0
15
ns
Encode Pulsewidth Low (tEL)
+25
°C
IV
2.0
15
3.0
15
ns
Aperture Delay (tA)
+25
°C
V
0.5
0.5
ns
Aperture Uncertainty (Jitter)
+25
°C
V
2.3
2.3
ps rms
Data Sync Setup Time (tSDS)
+25
°CIV
0
0
ns
Data Sync Hold Time (tHDS)
+25
°C
IV
0.5
0.5
ns
Data Sync Pulsewidth (tPWDS)
+25
°C
IV
2.0
2.0
ns
Output Valid Time (tV)
3
Full
VI
2.7
5.1
2.7
5.7
ns
Output Propagation Delay (tPD)
3
Full
VI
5.9
7.9
7.5
8.5
ns
DIGITAL INPUTS
HIGH Level Current (IIH)
4
Full
VI
500
625
500
625
µA
LOW Level Current (IIL)
4
Full
VI
500
625
500
625
µA
Input Capacitance
+25
°CV
3
3
pF
DIFFERENTIAL INPUTS
Differential Signal Amplitude (VID)
Full
IV
400
400
mV
HIGH Input Voltage (VIHD)
Full
IV
1.5
VDD
1.5
VDD
V
LOW Input Voltage (VILD)
Full
IV
0
VDD – 0.4
0
VDD – 0.4
V
Common-Mode Input (VICM)
Full
IV
1.5
1.5
V
DEMUX INPUT
HIGH Input Voltage (VIH)
Full
IV
2.0
VDD
2.0
VDD
V
LOW Input Voltage (VIL)
Full
IV
0
0.8
0
0.8
V
DIGITAL OUTPUTS
HIGH Input Voltage (VOH)
Full
VI
2.4
2.4
V
LOW Input Voltage (VOL)
Full
VI
0.4
0.4
V
Output Coding
Binary
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com