Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16V Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS16V
Description  150mW Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16V Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS16V_13 Datasheet HTML 1Page - Micro Commercial Components BAS16V_13 Datasheet HTML 2Page - Micro Commercial Components BAS16V_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS16V
150mW
Switching Diodes
Features
•
Fast Switching Speed
•
For General Purpose Switching Applications
•
High Conductance
•
Lead Free Plating
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
75
V
IO
Average Rectified Output Current
200
mA
R©JA
Thermal Resistance Junction to Ambient
833
/W
PD
Power dissipation
150
mW
@=1.0s
1.0
TSTG
Storage Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
V(BR)
Reverse Breakdown Voltage
75V
IR=100
­A
IR
Reverse Voltage Leakage
Current
25nA
1
­A
VR=20V
VR=75V
VF
Forward Voltage
715mV
855mV
1000mV
1250mV
IF=1mA
IF=10mA
IF=50mA
IF=150mA
CT
Total Capacitance
2pF
VR=0, f=1MHZ
trr
Reverse Recovery Time
4ns
Irr=1mA,IR=IF=10mA,
RL=100
¡
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.006
.011
0.15
0.30
B
.043
.049
1.10
1.25
C
.061
.067
1.55
1.70
D
.020
0.50
G
.035
.043
0.90
1.10
H
.059
.067
1.50
1.70
K
.022
.023
0.56
0.60
L
.004
.011
0.10
0.30
M
.004
.007
0.10
0.18
SOT-563
www.mccsemi.com
Revision:
C
20
13/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
1 of 3
Maxim um Ratings
Symbol
Rating
Rating
Unit
IFSM
Peak forward surge current @=1.0us
2.0
A
A
M
L
B C
H
K
G
D
IFM
Forward Continuous Current
300
mA
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAS16V_13

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS16V SECOS-BAS16V_15 Datasheet
320Kb / 2P
Plastic-Encapsulated Transistors
logo
Diodes Incorporated
BAS16V DIODES-BAS16V_15 Datasheet
148Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 8
More results

Similar Description - BAS16V_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
150mW Switching Diodes
1N4448X MCC-1N4448X_11 Datasheet
220Kb / 4P
150mW Switching Diodes
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
150mW Switching Diodes
1SS193-13 MCC-1SS193-13 Datasheet
552Kb / 3P
150mW Switching Diodes
1SS196 MCC-1SS196_13 Datasheet
565Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V_13 Datasheet
232Kb / 3P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
150mW Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com