Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS19
Description  Small Signal Diodes 250mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS19 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS19_13 Datasheet HTML 1Page - Micro Commercial Components BAS19_13 Datasheet HTML 2Page - Micro Commercial Components BAS19_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Mechanical Data
MCC Part
Number
Marking
Continuous
Reverse
Voltage
V (V)
R
Repetitive
Peak
Reverse
Voltage
V
(V)
RRM
BAS19
JP
100
120
BAS20
JR
150
200
BAS21
JS
200
250
Maximum Ratings @ 25
oC Unless Otherwise Specified
Parameter
Symbol Value
Unit
Non-repetitive Peak
@ t=1us
Forward Surge Current
@ t=1s
I
FSM
2.5
0.5
A
Average Rectified Forward Current
I
F(AV)
200
(1)
mA
Forward DC Current at T
amb=25
oC
I
F
200
(2)
mA
Repetitive Peak Forward Current
I
FRM
625
mA
Power Dissipation up to T
amb=25
oC
P
tot
250
mW
Thermal Resistance Junction to
Ambient
430
oC/W
Operating & Storage Temperature
T
j,TSTG -65~150
oC
Notes: (1) Measured under pulse conditions;
Pulse time = tp <= 0.3ms
(2) Device on fiberglass substrate,
See layout on next page
BAS19
THRU
BAS21
Small
Signal Diodes
250mW
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
SOT-23
RqJA
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
B
20
13/01/01
1
3
2
Top View
TM
Micro Commercial Components
1 of 3
•
Ideally Suited for Automatic Insertion
•
150
oC Junction Temperature
•
Fast Switching speed
•
Epitaxial Planar Die Construction
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Weight: 0.008 grams ( approx.)
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - BAS19_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
More results

Similar Description - BAS19_13

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
Small Signal Diodes 250mW
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
250mW, NPN Small Signal Transistor
BC856A TSC-BC856A_10 Datasheet
265Kb / 4P
250mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
Small Signal Diodes 250mW
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
NPN Small Signal Transistor 250mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com