Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9054PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9054PCB
Description  8-Bit, 200 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054PCB Datasheet(HTML) 4 Page - Analog Devices

  AD9054PCB Datasheet HTML 1Page - Analog Devices AD9054PCB Datasheet HTML 2Page - Analog Devices AD9054PCB Datasheet HTML 3Page - Analog Devices AD9054PCB Datasheet HTML 4Page - Analog Devices AD9054PCB Datasheet HTML 5Page - Analog Devices AD9054PCB Datasheet HTML 6Page - Analog Devices AD9054PCB Datasheet HTML 7Page - Analog Devices AD9054PCB Datasheet HTML 8Page - Analog Devices AD9054PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9054
–4–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9054 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . VDD to 0.0 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . VDD to 0.0 V
VREF IN, VREF OUT . . . . . . . . . . . . . . . . . . . VDD to 0.0 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . +175
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . +150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
Table I. Output Coding
Step
AIN–
AIN
Code
Binary
255
≥0.512 V
255
1111 1111
254
0.508 V
254
1111 1110
253
0.504 V
253
1111 1101
••
•
•
••
•
•
••
•
•
129
0.006 V
129
1000 0001
128
0.002 V
128
1000 0000
127
–0.002 V
127
0111 1111
126
–0.006 V
126
0111 1110
••
•
•
••
•
•
••
•
•
2
–0.504 V
2
0000 0010
1
–0.508 V
1
0000 0001
0
≤–0.512 V
0
0000 0000
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD9054BST-200
–40
°C to +85°C
ST-44
AD9054BST-135
–40
°C to +85°C
ST-44
AD9054/PCB
+25
°C
Evaluation Board
*ST = Plastic Thin Quad Flatpack (TQFP).
PIN FUNCTION DESCRIPTIONS
Pin Number
Name
Function
1
ENCODE
Encode Clock for ADC (ADC
Samples on Rising Edge of
ENCODE).
2
ENCODE
Encode Clock Complement
(ADC Samples on Falling Edge
of
ENCODE).
3, 5, 15, 18, 28,
VDD
Power Supply (+5 V).
30, 31, 36, 41
4, 6, 16, 17, 27,
GND
Ground.
29, 32, 35, 37, 40
14–7
DA0–DA7
Digital Outputs of ADC Channel
A. DA7 is the MSB, DA0 the LSB.
19–26
DB0–DB7
Digital Outputs of ADC Channel
B. DB7 is the MSB, DB0 the LSB.
33
VREF OUT
Internal Reference Output
(+2.5 V typical); Bypass with
0.1
µF to Ground.
34
VREF IN
Reference Input for ADC (+2.5 V
typical,
±4%).
38
AIN
Analog Input—Complement.
Connect to input signal midscale
reference.
39
AIN
Analog Input—True.
42
DEMUX
Format Select. LOW = Dual.
Channel Mode, HIGH = Single.
Channel Mode (Channel A Only).
43
DS
Data Sync Complement.
44
DS
Data Sync—Aligns output chan-
nels in Dual-Channel Mode.
PIN CONFIGURATION
WARNING!
ESD SENSITIVE DEVICE
PIN 1
IDENTIFIER
TOP VIEW
(PINS DOWN)
DB1
DB2
DB3
GND
DA2
DA1
DA0 (LSB)
VDD
GND
VDD
DB0 (LSB)
DS
DS
DEMUX
VDD
GND
AIN
AIN
GND
VDD
GND
VREF IN
AD9054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com