Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9054PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9054PCB
Description  8-Bit, 200 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9054PCB Datasheet HTML 5Page - Analog Devices AD9054PCB Datasheet HTML 6Page - Analog Devices AD9054PCB Datasheet HTML 7Page - Analog Devices AD9054PCB Datasheet HTML 8Page - Analog Devices AD9054PCB Datasheet HTML 9Page - Analog Devices AD9054PCB Datasheet HTML 10Page - Analog Devices AD9054PCB Datasheet HTML 11Page - Analog Devices AD9054PCB Datasheet HTML 12Page - Analog Devices AD9054PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD9054
–9–
REV. 0
TC – C
–40
–70
–60
100
–40
–20
0
20
40
60
80
–45
–50
–55
–60
–65
70MHz
50MHz
20MHz
Figure 21. 2nd Harmonic vs. Temperature: fS = 200 MSPS
TC – C
–40
–70
–60
100
–40
–20
0
20
40
60
80
–45
–50
–55
–60
–65
70MHz
50MHz
20MHz
Figure 22. 3rd Harmonic vs. Temperature: fS = 135 MSPS
TC – C
–40
–70
–60
100
–40
–20
0
20
40
60
80
–45
–50
–55
–60
–65
70MHz
50MHz
20MHz
Figure 23. 3rd Harmonic vs. Temperature: fS = 200 MSPS
fIN – MHz
0
–3
–6
0
500
50
100
150
200
250
300
350
400
450
–1
–2
–4
–5
NYQUIST FREQUENCY
100MHz
Figure 24. Frequency Response: fS = 200 MSPS
MHz
0
100
10
20
30
40
50
60
70
80
90
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
FUNDAMENTAL = –0.5dBfs
SNR = 45.8dB
SINAD = 45.2dB
2ND HARMONIC = 69.8dB
3RD HARMONIC = 61.6dB
Figure 25. Spectrum: fS = 200 MSPS, fIN = 19.7 MHz
MHz
0
100
10
20
30
40
50
60
70
80
90
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
FUNDAMENTAL = –0.5dBfs
SNR = 44.6dB
SINAD = 37.6dB
2ND HARMONIC = –63.1dB
3RD HARMONIC = –39.1dB
Figure 26. Spectrum: fS = 200 MSPS, fIN = 70.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com