Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9054APCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9054APCB
Description  8-Bit, 200 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054APCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9054APCB Datasheet HTML 4Page - Analog Devices AD9054APCB Datasheet HTML 5Page - Analog Devices AD9054APCB Datasheet HTML 6Page - Analog Devices AD9054APCB Datasheet HTML 7Page - Analog Devices AD9054APCB Datasheet HTML 8Page - Analog Devices AD9054APCB Datasheet HTML 9Page - Analog Devices AD9054APCB Datasheet HTML 10Page - Analog Devices AD9054APCB Datasheet HTML 11Page - Analog Devices AD9054APCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AD9054A
–8–
REV. B
fIN – MHz
55
50
30
0
140
20
40
60
80
100
120
45
40
35
SNR
SINAD
NYQUIST
FREQUENCY
(100MHz)
Figure 9. SNR vs. fIN:fS = 200 MSPS
fS – MSPS
50
40
25
50
100
150
200
250
300
49
44
43
42
41
47
45
48
46
75
125
175
225
270
SNR
SINAD
Figure 10. SNR vs. fS: fIN = 19.7 MHz
fS – MSPS
50
40
25
50
100
150
200
250
300
35
30
25
20
45
SNR
SINAD
75
125
175
225
270
Figure 11. SNR vs. fS:fIN = 70.1 MHz
TC – C
44.0
–45
0
25
70
90
45.2
44.8
44.4
44.2
45.4
45.0
44.6
70MHz
20MHz
50MHz
Figure 12. SNR vs. Temperature, fS = 135 MSPS
TC – C
46.0
44.0
–60
100
–40
–20
0
20
40
60
80
45.8
45.2
44.8
44.4
44.2
45.6
45.4
45.0
44.6
20MHz
50MHz
70MHz
Figure 13. SNR vs. Temperature, fS = 200 MSPS
ENCODE PULSEWIDTH – ns
50
30
0.0
8.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
48
42
38
34
32
46
44
40
36
fS = 135MSPS
fIN = 10.3MHz
SNR
SINAD
Figure 14. SNR vs. Clock Pulsewidth, (tPWH): fS = 135 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com