Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9054APCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9054APCB
Description  8-Bit, 200 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9054APCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9054APCB Datasheet HTML 9Page - Analog Devices AD9054APCB Datasheet HTML 10Page - Analog Devices AD9054APCB Datasheet HTML 11Page - Analog Devices AD9054APCB Datasheet HTML 12Page - Analog Devices AD9054APCB Datasheet HTML 13Page - Analog Devices AD9054APCB Datasheet HTML 14Page - Analog Devices AD9054APCB Datasheet HTML 15Page - Analog Devices AD9054APCB Datasheet HTML 16Page - Analog Devices AD9054APCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AD9054A
–13–
REV. B
Digital Inputs
SNR performance is directly related to the sampling clock sta-
bility in A/D converters, particularly for high input frequencies
and wide bandwidths. A low jitter clock (<10 ps @ 100 MHz)
is essential for optimum performance when digitizing signals
that are not presampled.
ENCODE and Data Select (DS) can be driven differentially or
single-ended. For single-ended operation, the complement
inputs (
ENCODE, DS) are internally biased to V
DD/3 (~1.5 V)
by a high impedance on-chip resistor divider (Figure 5), but
they may be externally driven to establish an alternate threshold
if desired. A 0.1
µF decoupling capacitor to ground is sufficient
to maintain a threshold appropriate for TTL or CMOS logic.
When driven differentially, ENCODE and DS will accommo-
date differential signals centered between 1.5 V and 4.5 V with
a total differential swing
≥800 mV (VID ≥ 400 mV).
Note the 6-diode clock input protection circuitry in Figure 5.
This limits the differential input voltage to ~
±2.1 V. When the
diodes turn on, current is limited by the 300
Ω series resistor.
Exceeding 2.1 V across the differential inputs will have no im-
pact on the performance of the converter, but be aware of the
clock signal distortion that may be produced by the nonlinear
impedance at the converter.
CLOCK
CLOCK
ENC
ENC
VIH D
VIC M
VIL D
CLOCK
ENC
ENC
VIH D
VIC M
VIL D
0.1 F
VID
VID
a. Driving Differential Inputs Differentially
b. Driving Differential Inputs Single-Endedly
Figure 34. Input Signal Level Definitions
Single Port Mode
When operated in a Single Port mode (
DEMUX = HIGH), the
timing of the AD9054A is similar to any high speed A/D Con-
verter (Figure 1).
A sample is taken on every rising edge of ENCODE, and the
resulting data is produced on the output pins following the
FOURTH rising edge of ENCODE after the sample was taken
(four pipeline delays). The output data are valid tPD after the
rising edge of ENCODE, and remain valid until at least tV after
the next rising edge of ENCODE.
The maximum clock rate is specified as 100 MSPS. This is
recommended because the guaranteed output data valid time
equals the Clock Period (1/fS) minus the Output Propagation
Delay (tPD) plus the Output Valid Time (tV), which comes to
4.8 ns at 100 MHz. This is about as fast as standard logic is able
to capture the data with reasonable design margins. The AD9054A
will operate faster in single-channel mode if you are able to
capture the data.
When operating in Single-Channel Mode, the outputs at Port B
are held static in a random state.
Figure 35 shows the AD9054A used in single-channel output
mode. The analog input (
±0.5 V) is ac coupled and the ENCODE
input is driven by a TTL level signal. The chip’s internal refer-
ence is used.
VIN
0.1 F
+5V
1k
0.1 F
0.1 F
NC
CLOCK
VREF OUT
VREF IN
AIN
AIN
DEMUX
AD9054A
DS
DS ENC ENC
A PORT
NC = NO CONNECT
Figure 35. Single Port Mode—AC-Coupled Input—Single-
Ended Encode
Dual Port Mode
In Dual Port Mode (
DEMUX = LOW), the conversion results
are alternated between the two output ports (Figure 2). This
limits the data output rate at either port to 1/2 the conversion
rate (ENCODE), and supports conversion at up to 200 MSPS
with TTL/CMOS compatible interfaces. Dual Channel Mode is
required for guaranteed operation above 100 MSPS, but may be
enabled at any specified conversion rate.
The multiplexing is controlled internally via a clock divider,
which introduces a degree of ambiguity in the port assignments.
Figure 2 illustrates that, prior to synchronization, either Port A
or Port B may produce the even or odd samples. This is re-
solved by exercising the Data Sync (DS) control, a differential
input (identical to the ENCODE input), which facilitates opera-
tion at high speed.
At least once after power-up, and prior to using the conversion
data, the part needs to be synchronized by a falling edge (or a
positive-going pulse) on DS (observing setup and hold times
with respect to ENCODE). If the converter’s internal timing is
in conflict with the DS signal when it is exercised, then two data
samples (one on each port) are corrupted as the converter is
resynchronized. The converter then produces data with a
known phase relationship from that point forward.
Note that if the converter is already properly synchronized, the
DS pulse has no effect on the output data. This allows the con-
verter to be continuously resynchronized by a pulse at 1/2 the
ENCODE rate. This signal is often available within a system, as
it represents the master clock rate for the demultiplexed output
data. Of course, a single DS signal may be used to synchronize
multiple A/D converters in a multichannel system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com