Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9243EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9243EB
Description  Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9243EB Datasheet(HTML) 1 Page - Analog Devices

  AD9243EB Datasheet HTML 1Page - Analog Devices AD9243EB Datasheet HTML 2Page - Analog Devices AD9243EB Datasheet HTML 3Page - Analog Devices AD9243EB Datasheet HTML 4Page - Analog Devices AD9243EB Datasheet HTML 5Page - Analog Devices AD9243EB Datasheet HTML 6Page - Analog Devices AD9243EB Datasheet HTML 7Page - Analog Devices AD9243EB Datasheet HTML 8Page - Analog Devices AD9243EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 14-Bit, 3.0 MSPS
Monolithic A/D Converter
AD9243*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
FUNCTIONAL BLOCK DIAGRAM
VINA
CAPT
CAPB
SENSE
OTR
BIT 1
(MSB)
BIT 14
(LSB)
VREF
DVSS
AVSS
AD9243
SHA
DIGITAL CORRECTION LOGIC
OUTPUT BUFFERS
VINB
1V
REFCOM
5
5
4
4
4
4
4
14
DVDD
AVDD
CLK
MODE
SELECT
MDAC3
GAIN = 8
MDAC2
GAIN = 8
MDAC1
GAIN = 16
A/D
A/D
A/D
A/D
DRVDD
DRVSS
CML
FEATURES
Monolithic 14-Bit, 3 MSPS A/D Converter
Low Power Dissipation: 110 mW
Single +5 V Supply
Integral Nonlinearity Error: 2.5 LSB
Differential Nonlinearity Error: 0.6 LSB
Input Referred Noise: 0.36 LSB
Complete: On-Chip Sample-and-Hold Amplifier and
Voltage Reference
Signal-to-Noise and Distortion Ratio: 79.0 dB
Spurious-Free Dynamic Range: 91.0 dB
Out-of-Range Indicator
Straight Binary Output Data
44-Lead MQFP
PRODUCT HIGHLIGHTS
The AD9243 offers a complete single-chip sampling 14-bit,
analog-to-digital conversion function in a 44-lead Metric Quad
Flatpack.
Low Power and Single Supply
The AD9243 consumes only 110 mW on a single +5 V power
supply.
Excellent DC Performance Over Temperature
The AD9243 provides no missing codes, and excellent tempera-
ture drift performance over the full operating temperature range.
Excellent AC Performance and Low Noise
The AD9243 provides nearly 13 ENOB performance and has an
input referred noise of 0.36 LSB rms.
Flexible Analog Input Range
The versatile onboard sample-and-hold (SHA) can be configured
for either single ended or differential inputs of varying input spans.
Flexible Digital Outputs
The digital outputs can be configured to interface with +3 V and
+5 V CMOS logic families.
PRODUCT DESCRIPTION
The AD9243 is a 3 MSPS, single supply, 14-bit analog-to-
digital converter (ADC). It combines a low cost, high speed
CMOS process and a novel architecture to achieve the resolution
and speed of existing hybrid implementations at a fraction of the
power consumption and cost. It is a complete, monolithic ADC
with an on-chip, high performance, low noise sample-and-hold
amplifier and programmable voltage reference. An external refer-
ence can also be chosen to suit the dc accuracy and temperature
drift requirements of the application. The device uses a multistage
differential pipelined architecture with digital output error correc-
tion logic to guarantee no missing codes over the full operating
temperature range.
The input of the AD9243 is highly flexible, allowing for easy
interfacing to imaging, communications, medical, and data-
acquisition systems. A truly differential input structure allows
for both single-ended and differential input interfaces of varying
input spans. The sample-and-hold amplifier (SHA) is equally
suited for both multiplexed systems that switch full-scale voltage
levels in successive channels as well as sampling single-channel
inputs at frequencies up to and beyond the Nyquist rate. Also,
the AD9243 performs well in communication systems employ-
ing Direct-IF Down Conversion since the SHA in the differen-
tial input mode can achieve excellent dynamic performance well
beyond its specified Nyquist frequency of 1.5 MHz.
A single clock input is used to control all internal conversion
cycles. The digital output data is presented in straight binary
output format. An out-of-range (OTR) signal indicates an
overflow condition which can be used with the most significant
bit to determine low or high overflow.
*Patents pending.


Similar Part No. - AD9243EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9243EB AD-AD9243EB Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243EB AD-AD9243EB Datasheet
431Kb / 25P
Complete 14-Bit, 3.0 MSPS Complete 14-Bit, 3.0 MSPS
23-Feb-2017
More results

Similar Description - AD9243EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV.A
AD9241 AD-AD9241 Datasheet
495Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV.0
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9243ASZ AD-AD9243ASZ Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243ASRL AD-AD9243ASRL Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com