Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3534 Datasheet(PDF) 2 Page - EPCOS

Part # B3534
Description  Low-loss RF filter for remote control receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3534 Datasheet(HTML) 2 Page - EPCOS

  B3534 Datasheet HTML 1Page - EPCOS B3534 Datasheet HTML 2Page - EPCOS B3534 Datasheet HTML 3Page - EPCOS B3534 Datasheet HTML 4Page - EPCOS B3534 Datasheet HTML 5Page - EPCOS B3534 Datasheet HTML 6Page - EPCOS B3534 Datasheet HTML 7Page - EPCOS B3534 Datasheet HTML 8Page - EPCOS B3534 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
December 20, 2012
B3534
313.15 / 314.00 / 314.925
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Triplexer
Data sheet
Application
s
Low-loss RF filter for remote control receivers
s
Channel 1 with pass band at 314.85 / 315.00 MHz
s
Channel 2 with pass band at 313.15 MHz
s
Channel 3 with pass band at 314.00 MHz
Features
s
Package size 3.8 x 3.8 x 1.3 mm3
s
Package code QCC8G
s
RoHS compatible
s
Approximate weight 0.06g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Lead free soldering compatible with J - STD20C
s
Passivation layer Elpas
s
AEC-Q200 qualified component family
s
Electrostatic Sensitive Device (ESD)
8
3
7
5
1
1.5
2.54
3.8
1.27
Pin configuration1)
s
1
Input
s
2
Input ground
s
7
Output [Channel 3]
s
6
Output [Channel 1]
s
5
Output [Channel 2]
s
3
Output ground
s
4,8
Case - grounded
1) The recommended pin configuration usually offers best
suppression of electrical crosstalk. The filter characteris-
tics refer to this configuration.
7
3
8
4
6
5
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com