Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3534 Datasheet(PDF) 3 Page - EPCOS

Part # B3534
Description  Low-loss RF filter for remote control receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3534 Datasheet(HTML) 3 Page - EPCOS

  B3534 Datasheet HTML 1Page - EPCOS B3534 Datasheet HTML 2Page - EPCOS B3534 Datasheet HTML 3Page - EPCOS B3534 Datasheet HTML 4Page - EPCOS B3534 Datasheet HTML 5Page - EPCOS B3534 Datasheet HTML 6Page - EPCOS B3534 Datasheet HTML 7Page - EPCOS B3534 Datasheet HTML 8Page - EPCOS B3534 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
December 20, 2012
B3534
313.15 / 314.00 / 314.925
SAW Components
SAW Triplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics Channel 1
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
314.925
—
MHz
Minimum insertion attenuation
α
min1
incl. loss in matching elements
—
2.7
3.4
dB
excl. loss in matching elements
—
1.8
2.5
dB
Pass band (relative to
α
min)
314.76 ...
315.09 MHz
—
0.5
1.5
dB
314.73 ...
315.12 MHz
—
1.0
3.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
230.00 MHz
52
58
—
dB
230.00 ...
270.00 MHz
46
52
—
dB
270.00 ...
305.00 MHz
40
46
—
dB
305.00 ...
312.00 MHz
30
36
—
dB
312.00 ...
313.40 MHz
20
26
—
dB
313.40 ...
314.06 MHz
10
15
—
dB
315.80 ...
316.50 MHz
16
22
—
dB
316.50 ...
323.00 MHz
22
28
—
dB
323.00 ...
340.00 MHz
35
41
—
dB
340.00 ...
360.00 MHz
40
46
—
dB
360.00 ...
550.00 MHz
48
54
—
dB
550.00 ... 1750.00 MHz
52
58
—
dB
1750.00 ... 2500.00 MHz
46
52
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
570 || 3.9
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
780 || 1.4
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com