Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3535 Datasheet(PDF) 4 Page - EPCOS

Part # B3535
Description  Low-loss RF filter for remote control receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3535 Datasheet(HTML) 4 Page - EPCOS

  B3535 Datasheet HTML 1Page - EPCOS B3535 Datasheet HTML 2Page - EPCOS B3535 Datasheet HTML 3Page - EPCOS B3535 Datasheet HTML 4Page - EPCOS B3535 Datasheet HTML 5Page - EPCOS B3535 Datasheet HTML 6Page - EPCOS B3535 Datasheet HTML 7Page - EPCOS B3535 Datasheet HTML 8Page - EPCOS B3535 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
December 20, 2012
B3535
313.15 / 314.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Diplexer
Data sheet
Characteristics Channel 3
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
314.00
—
MHz
Minimum insertion attenuation
α
min1
incl. loss in matching elements
—
2.3
3.0
dB
excl. loss in matching elements
—
1.9
2.6
dB
Pass band (relative to
α
min)
313.94 ...
314.06 MHz
—
0.5
1.5
dB
313.90 ...
314.10 MHz
—
1.0
3.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
210.00 MHz
52
58
—
dB
210.00 ...
255.00 MHz
46
52
—
dB
255.00 ...
305.00 MHz
40
46
—
dB
305.00 ...
310.00 MHz
36
42
—
dB
310.00 ...
313.30 MHz
18
24
—
dB
314.80 ...
323.00 MHz
24
30
—
dB
323.00 ...
340.00 MHz
38
44
—
dB
340.00 ...
360.00 MHz
44
50
—
dB
360.00 ... 2500.00 MHz
52
58
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
580 || 2.4
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
620 || 1.5
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com