Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3535 Datasheet(PDF) 5 Page - EPCOS

Part # B3535
Description  Low-loss RF filter for remote control receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3535 Datasheet(HTML) 5 Page - EPCOS

  B3535 Datasheet HTML 1Page - EPCOS B3535 Datasheet HTML 2Page - EPCOS B3535 Datasheet HTML 3Page - EPCOS B3535 Datasheet HTML 4Page - EPCOS B3535 Datasheet HTML 5Page - EPCOS B3535 Datasheet HTML 6Page - EPCOS B3535 Datasheet HTML 7Page - EPCOS B3535 Datasheet HTML 8Page - EPCOS B3535 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
December 20, 2012
B3535
313.15 / 314.00 MHz
SAW Components
SAW Diplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
10
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com