Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQ0402TTDR10G Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KQ0402TTDR10G
Description  high Q inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0402TTDR10G Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KQ0402TTDR10G Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0402TTDR10G Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0402TTDR10G Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0402TTDR10G Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0402TTDR10G Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
270
330
470
208
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/31/10
KQ
high Q inductor
Part
Designation
L
Measuring
Frequency
applications and ratings (continued)
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Q
Quality
Factor
Minimum
Q
Measuring
Frequency
(MHz)
Marking
Nominal
Inductance
(nH)
Inductance
Tolerance
1
2
3
4
5
6
7
8
9
0
1
2
3
4
200
150
150
100
100
38
37
34
32
25
24
30
200
400
300
140
160
120
170
100
80
0.31
0.34
0.49
0.54
0.58
0.61
0.65
1.4
2.2
2.5
2.3
3.0
3.7
1900
1700
1400
1350
1300
1400
1300
1200
900
800
700
47
56
68
72
82
100
110
120
150
180
220
390
KQ0603TTE47N*
KQ0603TTE56N*
KQ0603TTE68N*
KQ0603TTE72N*
KQ0603TTE82N*
KQ0603TTER10*
KQ0603TTER11*
KQ0603TTER12*
KQ0603TTER15*
KQ0603TTER18*
KQ0603TTER22*
KQ0603TTER27*
X
110
3.17
840
300
KQ0603TTER30*
KQ0603TTER33*
KQ0603TTER39*
* Add tolerance character (B, C, G, H, J, K, M)
250
250
24
16
22
20
27
28
31
33
35
34
35
38
37
40
37
700
600
0.03
0.045
0.063
0.08
0.063
0.116
0.11
0.106
0.109
0.13
0.086
0.13
0.17
0.104
0.17
0.19
0.135
0.22
0.144
12500
6900
5900
5800
4800
4800
4000
3300
3100
3000
2650
2800
2250
4600
1.6
1.8
3.6
3.9
4.3
4.7
6.8
7.5
8.7
10
11
12
15
16
18
22
24
27
30
C
0
E
1
F
G
2
H
J
3
K
4
5
L
6
7
M
8
N
KQ0603TTE1N6*
KQ0603TTE1N8*
KQ0603TTE3N6*
KQ0603TTE3N9*
KQ0603TTE4N3*
KQ0603TTE4N7*
KQ0603TTE6N8*
KQ0603TTE7N5*
KQ0603TTE8N7*
KQ0603TTE10N*
KQ0603TTE11N*
KQ0603TTE12N*
KQ0603TTE15N*
KQ0603TTE16N*
KQ0603TTE18N*
KQ0603TTE22N*
KQ0603TTE24N*
KQ0603TTE27N*
KQ0603TTE30N*
J: ±5%
K: ±10%
G: ±2%
J: ±5%
K: ±10%
9
P
0
Q
40
40
39
38
2300
0.22
0.25
0.28
2080
2200
2000
33
36
39
43
KQ0603TTE33N*
KQ0603TTE36N*
KQ0603TTE39N*
KQ0603TTE43N*
For complete environmental specifications, please refer to www.koaspeer.com
3.3
X
KQ0603TTE3N3*
0.055
5.1
Y
KQ0603TTE5N1*
0.115
8.2
A
KQ0603TTE8N2*
0.12
9.5
B
KQ0603TTE9N5*
0.125
23
S
KQ0603TTE23N*
0.15
2700
T
51
KQ0603TTE51N*
0.30
U
200
KQ0603TTER20*
2.3
130
V
210
KQ0603TTER21*
W
250
KQ0603TTER25*
2.4
1000
5
190
1.21
640
KQ0603TTER47*
50
50
V
170
1.26
610
510
KQ0603TTER51*
J: ±5%
K: ±10%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com