Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQ0402TTDR10G Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # KQ0402TTDR10G
Description  high Q inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0402TTDR10G Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  KQ0402TTDR10G Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0402TTDR10G Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0402TTDR10G Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0402TTDR10G Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0402TTDR10G Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
210
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/31/10
KQ
high Q inductor
applications and ratings (continued)
* Add tolerance character (C, G, H, J, K, M)
Part
Designation
L
Measuring
Frequency
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Q
Quality
Factor
Minimum
Q
Measuring
Frequency
(MHz)
Marking
Nominal
Inductance
(nH)
Inductance
Tolerance
R27
R33
100
25
7.9
50
25
7.9
45
35
28
22
20
15
450
400
470
500
300
400
360
400
380
370
310
300
0.91
1.05
1.12
1.19
1.33
1.40
1.47
1.54
1.61
1.68
1.75
1.6
1.7
1.9
2.2
2.3
2.7
2.8
3.1
2.5
2.8
600
570
500
450
415
375
360
320
250
200
160
140
110
100
90
80
70
2.5
65
3.4
60
290
270
330
390
470
560
620
680
750
820
910
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
R39
R47
R56
R62
R68
R75
R82
R91
1R0
1R2
1R5
1R8
2R2
2R7
3R3
3R9
4R7
5R6
6R8
KQ1008TTER27*
KQ1008TTER33*
KQ1008TTER39*
KQ1008TTER47*
KQ1008TTER56*
KQ1008TTER62*
KQ1008TTER68*
KQ1008TTER75*
KQ1008TTER82*
KQ1008TTER91*
KQ1008TTE1R0*
KQ1008TTE1R2*
KQ1008TTE1R5*
KQ1008TTE1R8*
KQ1008TTE2R2*
KQ1008TTE2R7*
KQ1008TTE3R3*
KQ1008TTE3R9*
KQ1008TTE4R7*
KQ1008TTE5R6*
KQ1008TTE6R8*
8200
8R2
KQ1008TTE8R2*
10000
100
KQ1008TTE100*
230
210
240
250
270
G: ±2%
J: ±5%
K: ±10%
350
For complete environmental specifications, please refer to www.koaspeer.com
200
170
150
39N
47N
56N
68N
82N
R10
R12
R15
R18
R22
350
60
65
60
620
500
650
0.15
0.16
0.18
0.20
0.22
0.56
0.63
0.70
0.77
0.84
1500
1300
1000
950
850
750
700
39
47
56
68
82
100
120
150
180
220
KQ1008TTE39N*
KQ1008TTE47N*
KQ1008TTE56N*
KQ1008TTE68N*
KQ1008TTE82N*
KQ1008TTER10*
KQ1008TTER12*
KQ1008TTER15*
KQ1008TTER18*
KQ1008TTER22*
50
580
J: ±5%
K: ±10%
M:±20%
1000
33N
0.14
1600
33
KQ1008TTE33N*
environmental applications
Performance Characteristics
Parameter
260°C ± 5°C, 10s ± 1s
No significant abnormality in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Requirements Maximum ∆ L/L
Test Method
Resistance to Soldering Heat
-40°C (30min.)/ +125°C (30min.) 100 cycles
No significant abnormality in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Rapid Change of Temperature
-40°C ± 2°C, 1000h
No significant abnormality in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Low Temperature Exposure
125°C ± 2°C, 1000h
No significant abnormality in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
High Temperature Exposure
40°C ± 2°C, 90%~95%RH, 1000h
No significant abnormality in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Moisture Exposure
Accordance with MIL-STD 202F Method 215
No damage and marking shall
remain legible
Resistance to Solvent
Limit
Typical
∆ L/L: ±2.7%
∆ Q/Q: ±6.6%
—
∆ L/L: ±0.9%
∆ Q/Q: ±6.9%
∆ L/L: ±1.8%
∆ Q/Q: ±5.3%
∆ L/L: ±1.8%
∆ Q/Q: ±2.8%
∆ L/L: ±2.1%
∆ Q/Q: ±5.3%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com