Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9708 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9708
Description  8-Bit, 100 MSPS TxDAC D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9708 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9708 Datasheet HTML 3Page - Analog Devices AD9708 Datasheet HTML 4Page - Analog Devices AD9708 Datasheet HTML 5Page - Analog Devices AD9708 Datasheet HTML 6Page - Analog Devices AD9708 Datasheet HTML 7Page - Analog Devices AD9708 Datasheet HTML 8Page - Analog Devices AD9708 Datasheet HTML 9Page - Analog Devices AD9708 Datasheet HTML 10Page - Analog Devices AD9708 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD9708
–7–
REV. B
FUNCTIONAL DESCRIPTION
Figure 12 shows a simplified block diagram of the AD9708. The
AD9708 consists of a large PMOS current source array capable of
providing up to 20 mA of total current. The array is divided into
31 equal currents that make up the five most significant bits
(MSBs). The remaining 3 LSBs are also implemented with equally
weighted current sources whose sum total equals 7/8th of an
MSB current source. Implementing the upper and lower bits
with current sources helps maintain the DAC’s high output
impedance (i.e. > 100 k
Ω). All of these current sources are
switched to one or the other of the two output nodes (i.e., IOUTA
or IOUTB) via PMOS differential current switches. The switches
are based on a new architecture that drastically improves
distortion performance.
The analog and digital sections of the AD9708 have separate
power supply inputs (i.e., AVDD and DVDD) that can operate
independently over a 2.7 volt to 5.5 volt range. The digital section,
which is capable of operating up to a 125 MSPS clock rate,
consists of edge-triggered latches and segment decoding logic
circuitry. The analog section includes the PMOS current
sources, the associated differential switches, a 1.20 V bandgap
voltage reference and a reference control amplifier.
The full-scale output current is regulated by the reference con-
trol amplifier and can be set from 2 mA to 20 mA via an exter-
nal resistor, RSET. The external resistor, in combination with
both the reference control amplifier and voltage reference
VREFIO, sets the reference current IREF, which is mirrored over to
the segmented current sources with the proper scaling factor.
The full-scale current, IOUTFS, is thirty-two times the value of IREF.
DAC TRANSFER FUNCTION
The AD9708 provides complementary current outputs, IOUTA
and IOUTB. IOUTA will provide a near full-scale current output,
IOUTFS, when all bits are high (i.e., DAC CODE = 255), while
IOUTB, the complementary output, provides no current. The
current output appearing at IOUTA and IOUTB are a function
of both the input code and IOUTFS and can be expressed as:
IOUTA = (DAC CODE/256)
× I
OUTFS
(1)
IOUTB = (255 – DAC CODE)/256
× I
OUTFS
(2)
where DAC CODE = 0 to 255 (i.e., Decimal Representation).
As previously mentioned, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage
VREFIO and external resistor RSET. It can be expressed as:
IOUTFS = 32
× I
REF
(3)
where
IREF = VREFIO/RSET
(4)
The two current outputs will typically drive a resistive load
directly. If dc coupling is required, IOUTA and IOUTB should
be directly connected to matching resistive loads, RLOAD, which
are tied to analog common, ACOM. Note, RLOAD may repre-
sent the equivalent load resistance seen by IOUTA or IOUTB
as would be the case in a doubly terminated 50
Ω or 75 Ω cable.
The single-ended voltage output appearing at the IOUTA and
IOUTB nodes is simply:
VOUTA = IOUTA
× R
LOAD
(5)
VOUTB = IOUTB
× R
LOAD
(6)
Note the full-scale value of VOUTA and VOUTB should not exceed
the specified output compliance range to maintain specified
distortion and linearity performance.
The differential voltage, VDIFF, appearing across IOUTA and
IOUTB is:
VDIFF = (IOUTA – IOUTB)
× R
LOAD
(7)
Substituting the values of IOUTA, IOUTB, and IREF; VDIFF can be
expressed as:
VDIFF = {(2 DAC CODE – 255)/256}/
× (32 R
LOAD/RSET)
× V
REFIO
(8)
VOLTAGE REFERENCE AND CONTROL AMPLIFIER
The AD9708 contains an internal 1.20 V bandgap reference
that can be easily disabled and overridden by an external refer-
ence. REFIO serves as either an input or output depending on
whether the internal or an external reference is selected. If
REFLO is tied to ACOM, as shown in Figure 13, the internal
reference is activated and REFIO provides a 1.20 V output. In
this case, the internal reference must be compensated externally
with a ceramic chip capacitor of 0.1
µF or greater from REFIO
to REFLO. Note that REFIO is not designed to drive any ex-
ternal load. It should be buffered with an external amplifier
having an input bias current less than 100 nA if any additional
loading is required.
+1.20V REF
REFLO
REFIO
FS ADJ
50pF
COMP1
0.1 F
CURRENT
SOURCE
ARRAY
+5V
AVDD
SEGMENTED
SWITCHES
LATCHES
DVDD
DCOM
CLOCK
SLEEP
IOUTA
IOUTB
COMP2
ACOM
0.1 F
+5V
RSET
2k
0.1 F
AD9708
IOUTB
VOUTB
RLOAD
50
VOUTA
RLOAD
50
IOUTA
VDIFF = VOUTA – VOUTB
CLOCK
IREF
VREFIO
DIGITAL DATA INPUTS (DB7–DB0)
Figure 12. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com