Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9708 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9708
Description  8-Bit, 100 MSPS TxDAC D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9708 Datasheet(HTML) 3 Page - Analog Devices

  AD9708 Datasheet HTML 1Page - Analog Devices AD9708 Datasheet HTML 2Page - Analog Devices AD9708 Datasheet HTML 3Page - Analog Devices AD9708 Datasheet HTML 4Page - Analog Devices AD9708 Datasheet HTML 5Page - Analog Devices AD9708 Datasheet HTML 6Page - Analog Devices AD9708 Datasheet HTML 7Page - Analog Devices AD9708 Datasheet HTML 8Page - Analog Devices AD9708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
100
125
MSPS
Output Settling Time (tST) (to 0.1%)
1
35
ns
Output Propagation Delay (tPD)1
ns
Glitch Impulse
5
pV-s
Output Rise Time (10% to 90%)
1
2.5
ns
Output Fall Time (10% to 90%)
1
2.5
ns
Output Noise (IOUTFS = 20 mA)
50
pA/
√Hz
Output Noise (IOUTFS = 2 mA)
30
pA/
√Hz
AC LINEARITY TO NYQUIST
Signal-to-Noise and Distortion Ratio
fCLOCK = 10 MSPS; fOUT = 1.00 MHz
50
dB
fCLOCK = 50 MSPS; fOUT = 1.00 MHz
50
dB
fCLOCK = 50 MSPS; fOUT = 12.51 MHz
48
dB
fCLOCK = 100 MSPS; fOUT = 5.01 MHz
50
dB
fCLOCK = 100 MSPS; fOUT = 25.01 MHz
45
dB
Total Harmonic Distortion
fCLOCK = 10 MSPS; fOUT = 1.00 MHz
–67
dBc
fCLOCK = 50 MSPS; fOUT = 1.00 MHz
–67
–62
dBc
fCLOCK = 50 MSPS; fOUT = 12.51 MHz
–59
dBc
fCLOCK = 100 MSPS; fOUT = 5.01 MHz
–64
dBc
fCLOCK = 100 MSPS; fOUT = 25.01 MHz
–48
dBc
Spurious-Free Dynamic Range to Nyquist
fCLOCK = 10 MSPS; fOUT = 1.00 MHz
68
dBc
fCLOCK = 50 MSPS; fOUT = 1.00 MHz
62
68
dBc
fCLOCK = 50 MSPS; fOUT = 12.51 MHz
63
dBc
fCLOCK = 100 MSPS; fOUT = 5.01 MHz
67
dBc
fCLOCK = 100 MSPS; fOUT = 25.01 MHz
50
dBc
NOTES
1Measured single ended into 50
Ω load.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage @ DVDD = +5 V
3.5
5
V
Logic “1” Voltage @ DVDD = +3 V
2.1
3
V
Logic “0” Voltage @ DVDD = +5 V
0
1.3
V
Logic “0” Voltage @ DVDD = +3 V
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5pF
Input Setup Time (tS)2.0
ns
Input Hold Time (tH)1.5
ns
Latch Pulsewidth (tLPW)
3.5
ns
Specifications subject to change without notice.
0.1%
0.1%
tS
tH
tLPW
t
PD
t
ST
DB0–DB7
CLOCK
IOUTA
OR
IOUTB
Figure 1. Timing Diagram
(TMIN to TMAX , AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA, Single-Ended Output, IOUTA, 50
Doubly
Terminated, unless otherwise noted)
AD9708
–3–
REV. B
(TMIN to TMAX, AVDD = +5 V, DVDD = +5 V, IOUTFS = 20 mA unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com