Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9761 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 2 Page - Analog Devices

  AD9761 Datasheet HTML 1Page - Analog Devices AD9761 Datasheet HTML 2Page - Analog Devices AD9761 Datasheet HTML 3Page - Analog Devices AD9761 Datasheet HTML 4Page - Analog Devices AD9761 Datasheet HTML 5Page - Analog Devices AD9761 Datasheet HTML 6Page - Analog Devices AD9761 Datasheet HTML 7Page - Analog Devices AD9761 Datasheet HTML 8Page - Analog Devices AD9761 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
–2–
REV. A
AD9761–SPECIFICATIONS
DC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
RESOLUTION
10
Bits
DC ACCURACY1
Integral Linearity Error (INL)
TA = +25
°C
–1.75
±0.5
1.75
LSB
TMIN to TMAX
–2.75
±0.7
2.75
LSB
Differential Nonlinearity (DNL)
TA = +25
°C–1
±0.4
1.25
LSB
TMIN to TMAX
–1
±0.5
1.75
LSB
Monotonicity (10 Bit)
GUARANTEED OVER RATED SPECIFICATION TEMPERATURE RANGE
ANALOG OUTPUT
Offset Error
–0.05
±0.025
0.05
% of FSR
Offset Matching between DACs
–0.10
±0.05
0.10
% of FSR
Gain Error (without Internal Reference)
–5.5
±1.0
5.5
% of FSR
Gain Error (with Internal Reference)
–5.5
±1.0
5.5
% of FSR
Gain Matching between DACs
–1.0
±0.25
1.0
% of FSR
Full-Scale Output Current
2
10
mA
Output Compliance Range
–1.0
1.25
V
Output Resistance
100
k
Ω
Output Capacitance
5
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current3
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance
1
M
Ω
TEMPERATURE COEFFICIENTS
Unipolar Offset Drift
0
ppm/
°C
Gain Drift (without Internal Reference)
±50
ppm/
°C
Gain Drift (with Internal Reference)
±140
ppm/
°C
Gain Matching Drift (Between DACs)
±25
ppm/
°C
Reference Voltage Drift
±50
ppm/
°C
POWER SUPPLY
AVDD
Voltage Range
2.7
5.0
5.5
V
Analog Supply Current (IAVDD)26
35
mA
DVDD
Voltage Range
2.7
5.0
5.5
V
Digital Supply Current at 5 V (IDVDD)
4
70
85
mA
Digital Supply Current at 3 V (IDVDD)
4
35
mA
Nominal Power Dissipation
5
AVDD and DVDD at 3 V
200
250
mW
AVDD and DVDD at 5 V
500
650
mW
Power Supply Rejection Ratio (PSRR)–AVDD
–0.25
0.25
% of FSR/V
Power Supply Rejection Ratio (PSRR)–DVDD
–0.02
0.02
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at IOUTA and QOUTA, driving a virtual ground.
2Nominal full-scale current, I
OUTFS, is 16× the I REF current.
3Use an external amplifier to drive any external load.
4Measured at f
CLOCK = 40 MSPS and fOUT = 1 MHz.
5Measured as unbuffered voltage output into 50
Ω R
LOAD at IOUTA, IOUTB, QOUTA, and QOUTB, f CLOCK = 40 MSPS and fOUT = 8 MHz.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = +5 V, DVDD = +5 V, IOUTFS = 10 mA, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com