Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9761 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 3 Page - Analog Devices

  AD9761 Datasheet HTML 1Page - Analog Devices AD9761 Datasheet HTML 2Page - Analog Devices AD9761 Datasheet HTML 3Page - Analog Devices AD9761 Datasheet HTML 4Page - Analog Devices AD9761 Datasheet HTML 5Page - Analog Devices AD9761 Datasheet HTML 6Page - Analog Devices AD9761 Datasheet HTML 7Page - Analog Devices AD9761 Datasheet HTML 8Page - Analog Devices AD9761 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
–3–
REV. A
AD9761
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Maximum Output Update Rate
40
MSPS
Output Settling Time (tST to 0.025%)
35
ns
Output Propagation Delay (tPD)
55
Input Clock Cycles
Glitch Impulse
5
pV-s
Output Rise Time (10% to 90%)
2.5
ns
Output Fall Time (10% to 90%)
2.5
ns
AC LINEARITY TO NYQUIST
Signal-to-Noise and Distortion (SINAD)
fOUT = 1 MHz; CLOCK = 40 MSPS
56
59
dB
Effective Number of Bits (ENOBs)
9.0
9.5
Bits
Total Harmonic Distortion (THD)
fOUT = 1 MHz; CLOCK = 40 MSPS
–68
–58
dB
Spurious-Free Dynamic Range (SFDR)
fOUT = 1 MHz; CLOCK = 40 MSPS; 10 MHz Span
59
68
dB
Channel Isolation
fOUT = 8 MHz; CLOCK = 40 MSPS; 10 MHz Span
90
dBC
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage @ DVDD = +5 V
3.5
5
V
Logic “1” Voltage @ DVDD = +3 V
2.4
3
V
Logic “0” Voltage @ DVDD = +5 V
0
1.3
V
Logic “0” Voltage @ DVDD = +3 V
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS)3
ns
Input Hold Time (tH)2
ns
CLOCK High
5
ns
CLOCK Low
5
ns
Invalid CLOCK/WRITE Window (tCINV)
1
15
ns
NOTES
1t
CINV is an invalid window of 4 ns duration beginning 1 ns AFTER the rising edge of WRITE in which the rising edge of CLOCK MUST NOT occur.
Specifications subject to change without notice.
"I" DATA
"Q" DATA
tCINV
DB9–DB0
DAC
INPUTS
SELECT
WRITE
CLOCK
tS
tH
NOTES: WRITE AND CLOCK CAN BE TIED
TOGETHER. FOR TYPICAL EXAMPLES, REFER
TO DIGITAL INPUTS AND INTERLEAVED INTERFACE
CONSIDERATION SECTION.
Figure 1. Timing Diagram
(TMIN to TMAX, AVDD = +5 V, DVDD = +5 V, IOUTFS = 10 mA, Differential Transformer Coupled Output,
50
Doubly Terminated, unless otherwise noted)
(TMIN to TMAX, AVDD = +5 V, DVDD = +5 V, IOUTFS = 10 mA unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com