Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9764 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9764
Description  14-Bit, 125 MSPS TxDAC D/A Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9764 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9764 Datasheet HTML 3Page - Analog Devices AD9764 Datasheet HTML 4Page - Analog Devices AD9764 Datasheet HTML 5Page - Analog Devices AD9764 Datasheet HTML 6Page - Analog Devices AD9764 Datasheet HTML 7Page - Analog Devices AD9764 Datasheet HTML 8Page - Analog Devices AD9764 Datasheet HTML 9Page - Analog Devices AD9764 Datasheet HTML 10Page - Analog Devices AD9764 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
REV. B
AD9764
–7–
Typical AC Characterization Curves
(AVDD = +5 V, DVDD = +3 V, IOUTFS = 20 mA, 50
Doubly Terminated Load, Differential Output, TA = +25 C, SFDR up to Nyquist, unless otherwise noted)
FREQUENCY – MHz
90
85
40
0.1
1
100
10
55
45
50
65
60
80
70
75
5 MSPS
25 MSPS
50 MSPS
100 MSPS
Figure 3. SFDR vs. fOUT @ 0 dBFS
FREQUENCY – MHz
90
85
40
05
25
10
15
20
60
55
50
45
80
70
75
65
0dBFS
–6dBFS
–12dBFS
Figure 6. SFDR vs. fOUT @ 50 MSPS
AOUT – dBFS
90
80
50
–30
–25
0
–20
–15
–10
–5
70
60
455kHz @ 5 MSPS
2.27MHz @ 25 MSPS
4.55MHz @ 50 MSPS
9.09MHz @ 100 MSPS
Figure 9. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/11
FREQUENCY – MHz
90
85
40
0
0.5
2.5
1.0
1.5
2.0
60
55
50
45
80
70
75
65
0dBFS
–6dBFS
–12dBFS
Figure 4. SFDR vs. fOUT @ 5 MSPS
FREQUENCY – MHz
90
85
40
010
50
20
30
40
60
55
50
45
80
70
75
65
0dBFS
–6dBFS
–12dBFS
Figure 7. SFDR vs. fOUT @100 MSPS
AOUT – dBFS
90
80
50
–30
–25
0
–20
–15
–10
–5
70
60
1MHz @ 5 MSPS
5MHz @ 25 MSPS
10MHz @ 50 MSPS
20MHz @ 100 MSPS
Figure 10. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/5
FREQUENCY – MHz
90
40
02
12
46
810
85
60
55
50
45
80
75
65
70
0dBFS
–6dBFS
–12dBFS
Figure 5. SFDR vs. fOUT @ 25 MSPS
FREQUENCY – MHz
90
85
50
0.0
2.0
10.0
4.0
6.0
8.0
70
65
60
55
80
75
5mA @ 3V
5mA @ 5V
10mA @ 3V
10mA @ 5V
20mA @ 3V
20mA @ 5V
Figure 8. SFDR vs. fOUT and
IOUTFS @ 25 MSPS and 0 dBFS
AOUT – dBFS
90
80
50
–30
–25
0
–20
–15
–10
–5
70
60
0.675/0.725MHz @ 5 MSPS
3.38/3.63MHz @ 25 MSPS
13.5/14.5MHz @ 100 MSPS
6.75/7.25 @ 50 MSPS
Figure 11. Dual-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com