Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9764 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9764
Description  14-Bit, 125 MSPS TxDAC D/A Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9764 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9764 Datasheet HTML 7Page - Analog Devices AD9764 Datasheet HTML 8Page - Analog Devices AD9764 Datasheet HTML 9Page - Analog Devices AD9764 Datasheet HTML 10Page - Analog Devices AD9764 Datasheet HTML 11Page - Analog Devices AD9764 Datasheet HTML 12Page - Analog Devices AD9764 Datasheet HTML 13Page - Analog Devices AD9764 Datasheet HTML 14Page - Analog Devices AD9764 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
REV. B
AD9764
–11–
The second method may be used in a dual-supply system in
which the common-mode voltage of REFIO is fixed, and IREF is
varied by an external voltage, VGC, applied to RSET via an ampli-
fier. An example of this method is shown in Figure 26 in which
the internal reference is used to set the common-mode voltage
of the control amplifier to 1.20 V. The external voltage, VGC, is
referenced to ACOM and should not exceed 1.2 V. The value of
RSET is such that IREFMAX and IREFMIN do not exceed 62.5
µA
and 625
µA, respectively. The associated equations in Figure 26
can be used to determine the value of RSET.
50pF
COMP1 AVDD
REFLO
CURRENT
SOURCE
ARRAY
AVDD
REFIO
FS ADJ
RSET
AD9764
IREF
OPTIONAL
BANDLIMITING
CAPACITOR
VGC
1 F
IREF = (1.2–VGC)/RSET
WITH VGC < VREFIO AND 62.5 A
IREF
625A
+1.2V REF
Figure 26. Dual-Supply Gain Control Circuit
In some applications, the user may elect to use an external
control amplifier to enhance the multiplying bandwidth,
distortion performance and/or settling time. External amplifiers
capable of driving a 50 pF load such as the AD817 are suitable
for this purpose. It is configured in such a way that it is in
parallel with the weaker internal reference amplifier as shown in
Figure 27. In this case, the external amplifier simply overdrives
the weaker reference control amplifier. Also, since the internal
control amplifier has a limited current output, it will sustain no
damage if overdriven.
50pF
COMP1
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
AVDD
REFIO
FS ADJ
RSET
AD9764
VREF
INPUT
EXTERNAL
CONTROL AMPLIFIER
Figure 27. Configuring an External Reference Control
Amplifier
ANALOG OUTPUTS
The AD9764 produces two complementary current outputs,
IOUTA and IOUTB, which may be configured for single-end
or differential operation. IOUTA and IOUTB can be converted into
complementary single-ended voltage outputs, VOUTA and
VOUTB, via a load resistor, RLOAD, as described in the DAC
Transfer Function section by Equations 5 through 8. The
differential voltage, VDIFF, existing between VOUTA and VOUTB
can also be converted to a single-ended voltage via a transformer
or differential amplifier configuration.
Figure 28 shows the equivalent analog output circuit of the
AD9764 consisting of a parallel combination of PMOS differen-
tial current switches associated with each segmented current
source. The output impedance of IOUTA and IOUTB is determined
by the equivalent parallel combination of the PMOS switches
and is typically 100 k
Ω in parallel with 5 pF. Due to the na-
ture of a PMOS device, the output impedance is also slightly
dependent on the output voltage (i.e., VOUTA and VOUTB) and, to
a lesser extent, the analog supply voltage, AVDD, and full-scale
current, IOUTFS. Although the output impedance’s signal depen-
dency can be a source of dc nonlinearity and ac linearity (i.e.,
distortion), its effects can be limited if certain precautions are
noted.
AD9764
AVDD
IOUTA
IOUTB
RLOAD
RLOAD
Figure 28. Equivalent Analog Output Circuit
IOUTA and IOUTB also have a negative and positive voltage compli-
ance range. The negative output compliance range of –1.0 V is
set by the breakdown limits of the CMOS process. Operation
beyond this maximum limit may result in a breakdown of the
output stage and affect the reliability of the AD9764. The posi-
tive output compliance range is slightly dependent on the full-
scale output current, IOUTFS. It degrades slightly from its nominal
1.2V
50pF
COMP1
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
AVDD
REFIO
FS ADJ
RSET
AD9764
IREF =
VREF/RSET
AVDD
OPTIONAL
BANDLIMITING
CAPACITOR
VREF
VDD
RFB
OUT1
OUT2
AGND
DB7–DB0
AD7524
AD1580
0.1V TO 1.2V
Figure 25. Single-Supply Gain Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com