Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9765-EB
Description  12-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9765-EB Datasheet HTML 3Page - Analog Devices AD9765-EB Datasheet HTML 4Page - Analog Devices AD9765-EB Datasheet HTML 5Page - Analog Devices AD9765-EB Datasheet HTML 6Page - Analog Devices AD9765-EB Datasheet HTML 7Page - Analog Devices AD9765-EB Datasheet HTML 8Page - Analog Devices AD9765-EB Datasheet HTML 9Page - Analog Devices AD9765-EB Datasheet HTML 10Page - Analog Devices AD9765-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. B
AD9765
–7–
Typical Characterization Curves
(AVDD = +5 V, DVDD = +3.3 V, IOUTFS = 20 mA, 50
Doubly Terminated Load, Differential Output, TA = +25 C, SFDR up to Nyquist, unless
otherwise noted.)
90
80
60
70
5MSPS
25MSPS
65MSPS
125MSPS
50
1
10
100
fOUT – MHz
Figure 3. SFDR vs. fOUT @ 0 dBFS
fOUT – MHz
50
05
25
10
15
20
80
75
70
60
55
65
30
35
0dBFS
–6dBFS
–12dBFS
85
Figure 6. SFDR vs. fOUT @ 65 MSPS
AOUT – dBFS
0
0.91MHz/10MSPS
5.91MHz/65MSPS
2.27MHz/25MSPS
11.37MHz/125MSPS
–20
–15
–5
85
60
70
65
75
80
–10
90
Figure 9. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/11
1.00
2.25
1.25
1.50
1.75
2.00
90
85
80
75
0dBFS
–6dBFS
–12dBFS
95
fOUT – MHz
Figure 4. SFDR vs. fOUT @ 5 MSPS
fOUT – MHz
50
010
50
20
30
40
80
75
70
60
55
65
60
70
0dBFS
–6dBFS
–12dBFS
85
Figure 7. SFDR vs. fOUT @ 125 MSPS
AOUT – dBFS
60
0
–20
–15
–5
80
65
70
55
75
85
–10
1MHz/5MSPS
2MHz/10MSPS
5MHz/25MSPS
13MHz/65MSPS
25MHz/125MSPS
90
Figure 10. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/5
fOUT – MHz
0
212
4
6
8
10
80
75
70
60
65
0dBFS
–6dBFS
–12dBFS
85
90
Figure 5. SFDR vs. fOUT @ 25 MSPS
fOUT – MHz
50
0
10
20
30
80
75
70
60
55
65
515
25
IOUTFS = 5mA
IOUTFS = 10mA
IOUTFS = 20mA
85
Figure 8. SFDR vs. fOUT and IOUTFS
@ 65 MSPS and 0 dBFS
AOUT – dBFS
80
0
–20
–10
–5
70
55
65
75
–15
60
3.38/3.36MHz@25MSPS
0.965/1.035MHz@7MSPS
6.75/7.25MHz@65MSPS
16.9/18.1MHz@125MSPS
Figure 11. Dual-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com