Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9765-EB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9765-EB
Description  12-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9765-EB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9765-EB Datasheet HTML 4Page - Analog Devices AD9765-EB Datasheet HTML 5Page - Analog Devices AD9765-EB Datasheet HTML 6Page - Analog Devices AD9765-EB Datasheet HTML 7Page - Analog Devices AD9765-EB Datasheet HTML 8Page - Analog Devices AD9765-EB Datasheet HTML 9Page - Analog Devices AD9765-EB Datasheet HTML 10Page - Analog Devices AD9765-EB Datasheet HTML 11Page - Analog Devices AD9765-EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. B
AD9765
–8–
fCLOCK – MSPS
55
20
140
40
60
80
100
120
60
65
70
IOUTFS = 5mA
IOUTFS = 10mA
IOUTFS = 20mA
75
Figure 12. SINAD vs. fCLOCK and
IOUTFS @ fOUT = 5 MHz and 0 dBFS
TEMPERATURE – C
80
75
50
–40 –20
80
60
70
65
60
55
40
20
0
45
100
–60
85
fOUT = 10MHz
fOUT = 1MHz
fOUT = 25MHz
fOUT = 40MHz
fOUT = 60MHz
Figure 15. SFDR vs. Temperature @
125 MSPS, 0 dBFS
FREQUENCY – MHz
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
30
Figure 18. Dual-Tone SFDR
@ fCLK = 125 MSPS
CODE
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1000
2000
3000
4000
Figure 13. Typical INL
TEMPERATURE – C
0.05
–0.05
–40
–20
0
20
406080
0.03
0.00
–0.03
GAIN ERROR
OFFSET ERROR
1.0
–1.0
0.5
0.00
–0.5
Figure 16. Reference Voltage Drift
vs. Temperature
FREQUENCY – MHz
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
30
Figure 19. Four-Tone SFDR
@ fCLK = 125 MSPS
CODE
–0.35
0
500
–0.30
0
0.05
–0.05
–0.10
–0.15
–0.20
–0.25
1000 1500 2000 2500 3000 3500 4000
Figure 14. Typical DNL
FREQUENCY – MHz
40
20
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
10
30
Figure 17. Single-Tone SFDR
@ fCLK = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com